データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPT3006 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 OPT3006
部品情報  OPT3006 Ultra-Thin Ambient Light Sensor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3006 データシート(HTML) 10 Page - Texas Instruments

Back Button OPT3006 Datasheet HTML 6Page - Texas Instruments OPT3006 Datasheet HTML 7Page - Texas Instruments OPT3006 Datasheet HTML 8Page - Texas Instruments OPT3006 Datasheet HTML 9Page - Texas Instruments OPT3006 Datasheet HTML 10Page - Texas Instruments OPT3006 Datasheet HTML 11Page - Texas Instruments OPT3006 Datasheet HTML 12Page - Texas Instruments OPT3006 Datasheet HTML 13Page - Texas Instruments OPT3006 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
SCL
SDA
ADDR
VDD
OPT3006
INT
Ambient
Light
VDD
ADC
GND
I
2C
Interface
Optical
Filter
10
OPT3006
SBOS698 – OCTOBER 2016
www.ti.com
Product Folder Links: OPT3006
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPT3006 measures the ambient light that illuminates the device. This device measures light with a spectral
response very closely matched to the human eye, and with very good infrared rejection.
Matching the sensor spectral response to that of the human eye response is vital because ambient light sensors
are used to measure and help create ideal human lighting experiences. Strong rejection of infrared light, which a
human does not see, is a crucial component of this matching. This matching makes the OPT3006 especially
good for operation underneath windows that are visibly dark, but infrared transmissive.
The OPT3006 is fully self-contained to measure the ambient light and report the result in lux digitally over the I2C
bus. The result can also be used to alert a system and interrupt a processor with the INT pin. The result can also
be summarized with a programmable window comparison and communicated with the INT pin.
The OPT3006 can be configured into an automatic full-scale, range-setting mode that always selects the optimal
full-scale range setting for the lighting conditions. This mode frees the user from having to program their software
for potential iterative cycles of measurement and readjustment of the full-scale range until optimal for any given
measurement. The device can be commanded to operate continuously or in single-shot measurement modes.
The device integrates its result over either 100 ms or 800 ms, so the effects of 50-Hz and 60-Hz noise sources
from typical light bulbs are nominally reduced to a minimum.
The device starts up in a low-power shutdown state, such that the OPT3006 only consumes active-operation
power after being programmed into an active state.
The OPT3006 optical filtering system is not excessively sensitive to non-ideal particles and micro-shadows on
the optical surface. This reduced sensitivity is a result of the relatively minor device dependency on uniform-
density optical illumination of the sensor area for infrared rejection. Proper optical surface cleanliness is always
recommended for best results on all optical devices.
7.2 Functional Block Diagram


同様の部品番号 - OPT3006

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

同様の説明 - OPT3006

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPT3007 TI1-OPT3007 Datasheet
1Mb / 39P
[Old version datasheet]   OPT3007 Ultra-Thin Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com