データシートサーチシステム |
|
AD8A3430 データシート(PDF) 1 Page - Vanlong Technology Co., Ltd. |
|
AD8A3430 データシート(HTML) 1 Page - Vanlong Technology Co., Ltd. |
|
1 / 1 page Array Duplexer (AD Type) Phone: +86 10 6301 4184 Fax: +86 10 6301 9167 Email: sales@vanlong.com Web: http://www.vanlong.com © April 2004 by Vanlong Technology Co., Ltd. AD Series Features • Small and light size • Low insertion loss for using high Q-value resonators • Excellent temperature stability • Excellent mechanical structure • Good selectivity • Suitable for surface mount and reflow soldering Electronic Characteristics Part Number Center Freq. fO (MHz) Pass Bandwidth (MHz) Insertion Loss (dB max) VSWR max Stop Band Attenuation (dB min) Dimension W × L × H (mm) Applications Tx 830.0 fO ± 5.0 2.0 1.5 48 (fr ± 5.0) AD8C830/875F10QCA Rx 875.0 fO ± 5.0 2.0 1.5 50 (ft ± 5.0) 100 × 34 × 14 China CDMA Tx 1950.0 fO ± 30.0 2.8 1.8 40 (fr ± 30.0) AD6A1950/2140F60DCA AE6A1950/2140F60DCA Rx 2140.0 fO ± 30.0 2.5 1.8 48 (ft ± 30.0) 21 × 15 × 4.5 IMT-2000 Tx 902.5 fO ± 12.5 2.4 1.7 32 (fr ± 12.5) AE6A902/947F25DCA Rx 947.5 fO ± 12.5 3.2 1.8 30 (ft ± 12.5) 21 × 15 × 4.5 GSM Tx 3430.0 fO ± 30.0 6.5 2.0 18 (fr ± 30.0) AD8A3430/3530F60FCA Rx 3530.5 fO ± 30.0 6.5 2.0 18 (ft ± 30.0) 36 × 44 × 5.5 MMDS Tx 1880.0 fO ± 30.0 2.6 1.8 25 (fr ± 30.0) AD7A1880/1960F60DCA Rx 1960.0 fO ± 30.0 3.5 1.8 22 (ft ± 30.0) 23 × 13 × 4.5 US-PCS Tx 1227.0 fO ± 10.0 1.0 1.7 40 (fr ± 10.0) AD4A1227/1575S20KCA Rx 1575.0 fO ± 10.0 1.0 1.7 40 (ft ± 10.0) 26 × 15 × 7.5 GPS Tx 836.5 fO ± 12.5 2.6 1.7 40 (fr ± 12.5) AD7A836/881F25DCA Rx 881.5 fO ± 12.5 3.7 1.8 50 (ft ± 12.5) 23 × 15 × 4.5 Korea CDMA Tx 830.0 fO ± 5.0 2.5 1.5 50 (fr ± 5.0) AD7C830/875F10HCA Rx 875.0 fO ± 5.0 2.5 1.5 55 (ft ± 5.0) 47 × 19 × 7.0 Tx 830.0 fO ± 5.0 2.8 1.5 60 (fr ± 5.0) AD9C830/875F10KCA Rx 875.0 fO ± 5.0 2.5 1.5 60 (ft ± 5.0) 57 × 19 × 7.5 China CDMA Tx 902.5 fO ± 12.5 4.3 1.8 42 (fr ± 12.5) AD9C902/947F25HCA Rx 947.5 fO ± 12.5 3.8 1.8 40 (ft ± 12.5) 47 × 19 × 7.0 Tx 902.5 fO ± 12.5 3.1 1.5 44 (fr ± 12.5) AD9C902/947F25KCA Rx 947.5 fO ± 12.5 3.1 1.5 45 (ft ± 12.5) 57 × 19 × 7.5 GSM Tx 1950.0 fO ± 30.0 2.6 1.8 48 (fr ± 30.0) AD9C1950/2140F60HCA Rx 2140.0 fO ± 30.0 2.0 1.8 52 (ft ± 30.0) 47 × 18 × 7.0 IMT-2000 Tx 1747.5 fO ± 37.5 3.8 1.5 25 (fr ± 37.5) AD9C1747/1842F75KCA Rx 1842.5 fO ± 37.5 3.8 1.5 18 (ft ± 37.5) 47 × 18 × 7.0 Tx 1747.5 fO ± 37.5 2.5 1.5 30 (fr ± 37.5) AD10C1747/1842F75KCA Rx 1842.5 fO ± 37.5 2.5 1.5 25 (ft ± 37.5) 47 × 18 × 7.0 DCS Note: Please consult VTC support for other frequencies and specifications that are not listed above. Method of Definition AD 4 A 830/875 F 10 Q C A AD : AD Dielectric Filter 4 : Number of holes A : Notch type 830 : Center frequency in MHz F : PCB mount type 10 : Bandwidth in MHz Q : Dimensions C : Hole structure A : Versions AD Series |
同様の部品番号 - AD8A3430 |
|
同様の説明 - AD8A3430 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |