データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7660EPA データシート(PDF) 4 Page - Microchip Technology

部品番号 TC7660EPA
部品情報  Charge Pump DC-to-DC Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EPA データシート(HTML) 4 Page - Microchip Technology

  TC7660EPA Datasheet HTML 1Page - Microchip Technology TC7660EPA Datasheet HTML 2Page - Microchip Technology TC7660EPA Datasheet HTML 3Page - Microchip Technology TC7660EPA Datasheet HTML 4Page - Microchip Technology TC7660EPA Datasheet HTML 5Page - Microchip Technology TC7660EPA Datasheet HTML 6Page - Microchip Technology TC7660EPA Datasheet HTML 7Page - Microchip Technology TC7660EPA Datasheet HTML 8Page - Microchip Technology TC7660EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC7660
DS21465C-page 4
 2002-2011 Microchip Technology Inc.
Note: Unless otherwise indicated, C1 = C2 = 10 µF, ESRC1 = ESRC2 = 1 , TA = 25°C. See Figure 1-1.
FIGURE 2-7:
Output Voltage vs. Output
Current.
FIGURE 2-8:
Supply Current and Power
Conversion Efficiency vs. Load Current.
FIGURE 2-9:
Output Voltage vs. Load
Current.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Supply Current and Power
Conversion Efficiency vs. Load Current.
OUTPUT CURRENT (mA)
0
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
10
20 30 40 50
60 70 80
90 100
LV OPEN
0
LOAD CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
10
12
14
16
18
20
V+ = 2V
2
0
1
0
-1
-2
123
4
5
6
7
8
LOAD CURRENT (mA)
SLOPE 150
Ω
V+ = +2V
LOAD CURRENT (mA)
1
0
5
4
3
2
0
-1
-2
-3
-4
-5
10
20
30
40
50
60
70
80
V+ = +5V
SLOPE 55
Ω
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
V+ = +5V


同様の部品番号 - TC7660EPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC7660EPA TELCOM-TC7660EPA Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660EPA MICROCHIP-TC7660EPA Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660EPA MICROCHIP-TC7660EPA Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7660EPA MICROCHIP-TC7660EPA Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results

同様の説明 - TC7660EPA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com