データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7660SVOA723 データシート(PDF) 3 Page - Microchip Technology

部品番号 TC7660SVOA723
部品情報  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SVOA723 データシート(HTML) 3 Page - Microchip Technology

  TC7660SVOA723 Datasheet HTML 1Page - Microchip Technology TC7660SVOA723 Datasheet HTML 2Page - Microchip Technology TC7660SVOA723 Datasheet HTML 3Page - Microchip Technology TC7660SVOA723 Datasheet HTML 4Page - Microchip Technology TC7660SVOA723 Datasheet HTML 5Page - Microchip Technology TC7660SVOA723 Datasheet HTML 6Page - Microchip Technology TC7660SVOA723 Datasheet HTML 7Page - Microchip Technology TC7660SVOA723 Datasheet HTML 8Page - Microchip Technology TC7660SVOA723 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 3
TC7660S
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ................................................................+13V
LV, Boost, and OSC Inputs Voltage: (Note 1)
...................................-0.3V to (V+ + 0.3V) for V+ < 5.5V
......................... (V+ – 5.5V) to (V+ + 0.3V) for V+ > 5.5V
Current into LV ......................................... 20 µA for V+ > 3.5V
Output Short Duration (VSUPPLY  5.5V)...............Continuous
Package Power Dissipation: (TA  +70°C) (Note 2)
8-Pin PDIP ..........................................................730 mW
8-Pin SOIC..........................................................470 mW
Lead Temperature (Soldering, 10s) .... ....................... +300°C
Notice†:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
Note 1:
Connecting any input terminal to
voltages greater than V+ or less than
GND may cause destructive latch-up. It
is recommended that no inputs from
sources
operating
from
external
supplies be applied prior to “power up” of
the TC7660S.
2:
Derate
linearly
above
+50°C
by
5.5 mW/°C.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise noted, specifications measured over operating temperature range with
V+ = 5V, COSC = 0, refer to test circuit in Figure 4-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
(Boost pin OPEN or GND)
I+
—80
160
µA
RL = 
——
180
0°C
 TA  +70°C
180
-40°C
 TA  +85°C
200
-55°C
 TA  +125°C
Supply Current
(Boost pin = V+)
I+
——
300
µA
0°C
 TA  +70°C
350
-40°C
 TA  +85°C
400
-55°C
 TA  +125°C
Supply Voltage Range,
High
V+H
3.0
12
V
Min.
TAMax, RL = 10 k, LV Open
Supply Voltage Range, Low
V+L
1.5
3.5
V
Min.
TAMax, RL = 10 k, LV to GND
Output Source Resistance
ROUT
—60
100
IOUT = 20 mA
—70
120
IOUT = 20 mA, 0°C  TA  +70°C
—70
120
IOUT = 20 mA, -40°C  TA  +85°C
105
150
IOUT = 20 mA, -55°C  TA  +125°C
——
250
V+ = 2V, IOUT = 3 mA, LV to GND
0°C
 TA  +70°C
——
400
V+ = 2V, IOUT = 3 mA, LV to GND
-55°C
 TA  +125°C
Oscillator Frequency
fOSC
10
kHz
Pin 7 open, Pin 1 open or GND
45
Boost Pin = V+
Power Efficiency
PEFF
96
98
%
RL = 5 kBoost Pin Open
95
98
TMIN  TA  TMAX; Boost Pin Open
88
Boost Pin = V+


同様の部品番号 - TC7660SVOA723

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660SCOA TELCOM-TC7660SCOA Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660SCOA MICROCHIP-TC7660SCOA Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660SCOA MICROCHIP-TC7660SCOA Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
More results

同様の説明 - TC7660SVOA723

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com