データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10LVEP16 データシート(PDF) 9 Page - ON Semiconductor

部品番号 MC10LVEP16
部品情報  2.5V / 3.3V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP16 データシート(HTML) 9 Page - ON Semiconductor

Back Button MC10LVEP16_16 Datasheet HTML 4Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 5Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 6Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 7Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 8Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 9Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 10Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 11Page - ON Semiconductor MC10LVEP16_16 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC10LVEP16, MC100LVEP16
www.onsemi.com
9
ORDERING INFORMATION
Device
Package
Shipping
MC10LVEP16DG
SOIC−8 NB
(Pb-Free)
98 Units / Tube
MC10LVEP16DR2G
SOIC−8 NB
(Pb-Free)
2500 / Tape & Reel
MC10LVEP16DTG
TSSOP−8
(Pb-Free)
100 Units / Tube
MC10LVEP16DTR2G
TSSOP−8
(Pb-Free)
2500 / Tape & Reel
MC100LVEP16DG
SOIC−8 NB
(Pb-Free)
98 Units / Tube
MC100LVEP16DR2G
SOIC−8 NB
(Pb-Free)
2500 / Tape & Reel
MC100LVEP16DTG
TSSOP−8
(Pb-Free)
100 Units / Tube
MC100LVEP16DTR2G
TSSOP−8
(Pb-Free)
2500 / Tape & Reel
MC100LVEP16MNR4G
DFN8
(Pb-Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


同様の部品番号 - MC10LVEP16_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP16D ONSEMI-MC10LVEP16D Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10LVEP16D ONSEMI-MC10LVEP16D Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16DG ONSEMI-MC10LVEP16DG Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16DR2 ONSEMI-MC10LVEP16DR2 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10LVEP16DR2 ONSEMI-MC10LVEP16DR2 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com