データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10LVEP16DG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10LVEP16DG
部品情報  2.5V / 3.3V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP16DG データシート(HTML) 1 Page - ON Semiconductor

  MC10LVEP16DG Datasheet HTML 1Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 2Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 3Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 4Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 5Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 6Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 7Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 8Page - ON Semiconductor MC10LVEP16DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 12
1
Publication Order Number:
MC10LVEP16/D
MC10LVEP16, MC100LVEP16
2.5V / 3.3V ECL
Differential Receiver/Driver
Description
The MC10/100LVEP16 is a world class differential receiver/driver.
The device is functionally equivalent to the EL16, EP16 and LVEL16
devices. With output transition times significantly faster than the EL16
and LVEL16, the LVEP16 is ideally suited for interfacing with high
frequency and low voltage (2.5 V) sources. Single-Ended CLK input
operation is limited to a VCC ≥ 3.0 V in PECL mode, or VEE ≤ −3.0 V in
NECL mode.
The VBB pin, an internally generated Voltage supply, is available to
this device only. For Single-Ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
240 ps Propagation Delay
Maximum Frequency = > 4 GHz Typical
PECL Mode Operating Range:
VCC = 2.375 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −2.375 V to −3.8 V
VBB Output
Open Input Default State
LVDS Input Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
H = MC10
A = Assembly Location
K = MC100
L = Wafer Lot
5Y = MC10
Y = Year
4L = MC100
W = Work Week
M = Date Code
G = Pb-Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS*
HU16
ALYWG
G
KU16
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−07
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
1
8
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
1
8
HVP16
ALYW
G
1
8
KVP16
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
SOIC−8 NB
TSSOP−8
DFN8


同様の部品番号 - MC10LVEP16DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEP16DG ONSEMI-MC10LVEP16DG Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com