データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2909MDWREP データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2909MDWREP
部品情報  SWITCHMODE LEAD-ACID BATTERY CHARGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2909MDWREP データシート(HTML) 3 Page - Texas Instruments

  UC2909MDWREP Datasheet HTML 1Page - Texas Instruments UC2909MDWREP Datasheet HTML 2Page - Texas Instruments UC2909MDWREP Datasheet HTML 3Page - Texas Instruments UC2909MDWREP Datasheet HTML 4Page - Texas Instruments UC2909MDWREP Datasheet HTML 5Page - Texas Instruments UC2909MDWREP Datasheet HTML 6Page - Texas Instruments UC2909MDWREP Datasheet HTML 7Page - Texas Instruments UC2909MDWREP Datasheet HTML 8Page - Texas Instruments UC2909MDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
UC2909-EP
www.ti.com
SLUSA72 – JULY 2010
ELECTRICAL CHARACTERISTICS
TA = –55°C to 125°C; CT = 430 pF, RSET = 11.5 KΩ, R10 = 10 KΩ, RTHM = 10 KΩ, VCC = 15 V, Output no load,
RSTAT0 = RSTAT1 = 10 KΩ, CHGENB = OVCTAP = VLOGIC, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE AMPLIFIER (CSA) (VID = CS+ - CS-)
CS- = 0 V, CS+ = -50 mV;
4.8
5
5.7
CS+ = –200 mV
DC gain
V/V
CS+ = 0 V, CS- = 50 mV;
4.8
5
5.1
CS- = 250 mV
VOFFSET
Offset voltage (VCSO - VCAO)
CS+ = CS- = 2.3 V, CAO = CA-
45
mV
VCM = -0.2 V to VCC - 2,
50
8.8 V < VCC < 14 V
CMRR
dB
VCM = -0.2 V to VCC,
50
14 V < VCC < 35 V
VID = -550 mV,
VOL
-0.2 V < VCM < VCC - 2,
0.3
0.6
V
IO = 500 µA
VID = 700 mV,
VOH
-0.2 V < VCM < VCC - 2,
5.2
5.7
6.2
V
IO = -250 µA
Output source current
VID = 700 mV, CSO = 4 V
-1
-0.5
mA
Output sink current
VID = -55 0mV, CSO = 1 V
3
4.5
mA
3dB bandwidth(1)
VID = 90 mV, VCM = 0 V
200
KHz
CURRENT ERROR AMPLIFIER (CEA)
8.8 V < VCC < 35 V,
IB
0.1
0.8
µA
VCHGENB = VLOGIC
VIO
(2)
8.8 V < VCC < 35 V, CAO = CA-
10
mV
AVO
1 V < VAO < 4 V
60
90
dB
GBW
TJ = 25°C, f = 100 KHz
1
1.5
MHz
VOL
IO = 250 µA
0.4
0.6
V
VOH
IO = –5 mA
4.5
5
V
Output source current
CAO = 4 V
-25
-12
mA
Output sink current
CAO = 1 V
2
3
mA
ICA-,
ITRCK_CONTRO
VCHGENB = GND
8.5
10
11.5
µA
L
VOLTAGE AMPLIFIER (CEA)
IB
Total bias current; regulating level
0.1
1
µA
8.8 V < VCC < 35 V,
VIO
(2)
VCM = 2.3 V,
1.2
mV
VAO = VA-
AVO
1 V < CAO < 4 V
60
90
dB
GBW
TJ = 25°C, f = 100 KHz
0.25
0.5
MHz
VOL
IO = 500 µA
0.4
0.6
V
VOH
IO = -500 µA
4.75
5
5.25
V
Output source current
CAO = 4 V
-2
-1
mA
Output sink current
CAO = 1 V
2
2.5
mA
VCHGENB = GND,
VAO leakage: high impedance
STAT0 = 0 and STAT1 = 0,
-1
1
µA
state
VAO = 2.3 V
(1)
Not tested in production.
(2)
VIO is measured prior to packaging with internal probe pad.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC2909-EP


同様の部品番号 - UC2909MDWREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2909MDWREP TI1-UC2909MDWREP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
More results

同様の説明 - UC2909MDWREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC3909Q TI-UC3909Q Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909 TI-UC2909 Datasheet
401Kb / 10P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com