データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP91 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC100EP91
部品情報  Any Level Positive Input to NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91 データシート(HTML) 6 Page - ON Semiconductor

Back Button MC100EP91_16 Datasheet HTML 2Page - ON Semiconductor MC100EP91_16 Datasheet HTML 3Page - ON Semiconductor MC100EP91_16 Datasheet HTML 4Page - ON Semiconductor MC100EP91_16 Datasheet HTML 5Page - ON Semiconductor MC100EP91_16 Datasheet HTML 6Page - ON Semiconductor MC100EP91_16 Datasheet HTML 7Page - ON Semiconductor MC100EP91_16 Datasheet HTML 8Page - ON Semiconductor MC100EP91_16 Datasheet HTML 9Page - ON Semiconductor MC100EP91_16 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC100EP91
www.onsemi.com
6
Table 7. AC CHARACTERISTICS (VCC = 2.375 V to 3.8 V; VEE = −3.0 V to −5.5 V; GND = 0 V)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP Output Voltage Amplitude
fin ≤ 1.0 GHz
(Figure 4)
fin ≤ 1.5 GHz
(Note 1)
fin ≤ 2.0 GHz
575
525
300
800
750
600
600
525
250
800
750
550
550
400
150
800
750
500
mV
tPLH
tPHL0
Propagation Delay
Differential
D to Q
Single-Ended
375
300
500
450
600
650
375
300
500
450
600
675
400
300
550
500
650
750
ps
tSKEW
Pulse Skew (Note 2)
Output-to-Output (Note 3)
Part-to-Part (Diff) (Note 3)
15
25
50
75
95
125
15
30
50
75
105
125
15
30
70
80
105
150
ps
tJITTER
RMS Random Clock Jitter (Note 4)
fin = 2.0 GHz
Peak-to-Peak Data Dependant Jitter
fin = 2.0 Gb/s
(Note 5)
0.5
20
2.0
0.5
20
2.0
0.5
20
2.0
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 6)
200
800
1200
200
800
1200
200
800
1200
mV
tr, tf
Output Rise/Fall Times @ 50 Mhz (20%−80%)
Q, Q
75
150
250
75
150
250
75
150
275
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to GND − 2.0 V. Input edge rates 150 ps (20% − 80%).
2. Pulse Skew = |tPLH − tPHL|
3. Skews are valid across specified voltage range, part-to-part skew is for a given temperature.
4. RMS Jitter with 50% Duty Cycle Input Clock Signal.
5. Peak-to-Peak Jitter with input NRZ PRBS 231−1 at 2.0 Gb/s.
6. Input voltage swing is a Single-Ended measurement operating in differential mode. The device has a DC gain of ≈ 50.
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
INPUT FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
250
350
450
550
650
750
850
9.0
8.0
10
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
RMS JITTER
AMP
Figure 5. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)


同様の部品番号 - MC100EP91_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP91DW ONSEMI-MC100EP91DW Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWG ONSEMI-MC100EP91DWG Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWR2 ONSEMI-MC100EP91DWR2 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWR2G ONSEMI-MC100EP91DWR2G Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91MN ONSEMI-MC100EP91MN Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
More results

同様の説明 - MC100EP91_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
   3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com