データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP210SFAG データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC100EP210SFAG
部品情報  1:5 Dual Differential LVDS Compatible Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP210SFAG データシート(HTML) 8 Page - ON Semiconductor

  MC100EP210SFAG Datasheet HTML 1Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 2Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 3Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 4Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 5Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 6Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 7Page - ON Semiconductor MC100EP210SFAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC100EP210S
http://onsemi.com
8
PACKAGE DIMENSIONS
QFN32 5*5*1 0.5 P
CASE 488AM−01
ISSUE O
SEATING
32 X
K
0.15
C
(A3)
A
A1
D2
b
1
9
16
17
32
2 X
2 X
E2
32 X
8
24
32 X
L
32 X
BOTTOM VIEW
EXPOSED PAD
TOP VIEW
SIDE VIEW
D
A
B
E
0.15
C
PIN ONE
LOCATION
0.10
C
0.08
C
C
25
e
A
0.10
B
C
0.05 C
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM TERMINAL
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
PLANE
DIM MIN
NOM
MAX
MILLIMETERS
A
0.800 0.900 1.000
A1
0.000 0.025 0.050
A3
0.200 REF
b
0.180 0.250 0.300
D
5.00 BSC
D2
2.950 3.100 3.250
E
5.00 BSC
E2
e
0.500 BSC
K
0.200
−−−
−−−
L
0.300 0.400 0.500
2.950 3.100 3.250
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50 PITCH
3.20
0.28
3.20
32 X
28 X
0.63
32 X
5.30
5.30
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC100EP2105/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - MC100EP210SFAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP210SFAG ONSEMI-MC100EP210SFAG Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFAG ONSEMI-MC100EP210SFAG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
More results

同様の説明 - MC100EP210SFAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com