データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVE310 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100LVE310
部品情報  3.3 V ECL 2:8 Differential Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE310 データシート(HTML) 2 Page - ON Semiconductor

  MC100LVE310_16 Datasheet HTML 1Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 2Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 3Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 4Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 5Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 6Page - ON Semiconductor MC100LVE310_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC100LVE310
www.onsemi.com
2
1
5
6
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
CLK_SEL
CLKa
VCC
CLKa
VBB
CLKb
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
Pinout: 28-Lead PLCC
(Top View)
Q0
Q0 Q1 VCCO Q1 Q2 Q2
CLKb
Q7
Q6
NC
VCCO Q7
Q6
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VBB
CLKa
CLKa
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
CLKb
CLKb
CLK_SEL
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Input Clocks
ECL Differential Outputs
ECL Input Clock Select
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
PIN
CLKa, CLKa; ,CLKb CLKb
Q0:7, Q0:7
CLK_SEL
VBB
VCC, VCCO
VEE
NC
Input Clock
CLKa Selected
CLKb Selected
CLK_SEL
L
H
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 1. Logic Diagram and Pinout Assignment
Table 2. TRUTH TABLE
Figure 2. Logic Symbol
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
YES
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 200 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
PLCC−28
Pb-Free Pkg
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
212 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


同様の部品番号 - MC100LVE310_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVE310FN ONSEMI-MC100LVE310FN Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FNG ONSEMI-MC100LVE310FNG Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FNR2 ONSEMI-MC100LVE310FNR2 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FNR2G ONSEMI-MC100LVE310FNR2G Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results

同様の説明 - MC100LVE310_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100E310 ONSEMI-MC100E310_16 Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com