データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EPT622FAR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EPT622FAR2G
部品情報  3.3V LVTTL/LVCMOS to LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT622FAR2G データシート(HTML) 1 Page - ON Semiconductor

  MC100EPT622FAR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT622FAR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 6
1
Publication Order Number:
MC100EPT622/D
MC100EPT622
3.3V LVTTL/LVCMOS to
LVPECL Translator
Description
The MC100EPT622 is a 10−Bit LVTTL/LVCMOS to LVPECL
translator. Because LVPECL (Positive ECL) levels are used only +3.3 V
and ground are required. The device has an OR−ed enable input which
can accept either LVPECL (ENPECL) or TTL/LVCMOS inputs
(ENTTL). If the inputs are left open, they will default to the enable state.
The device design has been optimized for low channel−to−channel skew.
Features
450 ps Typical Propagation Delay
Maximum Frequency > 1.5 GHz Typical
PECL Mode
Operating Range: VCC = 3.0 V to 3.8 V with VEE = 0 V
PNP LVTTL Inputs for Minimal Loading
Q Output Will Default HIGH with Inputs Open
The 100 Series Contains Temperature Compensation
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
LQFP−32
FA SUFFIX
CASE 873A
32
1
MC100
EPT622
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)
Table 1. TRUTH TABLE
ENPECL
H
H
ENTTL
D
Q
X
X
L
X
X
H
H
L
H
L
H
L
X
H
L
H
L
L
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
32
1
MC100
EPT622
AWLYYWWG
G
1
QFN32
MN SUFFIX
CASE 488AM


同様の部品番号 - MC100EPT622FAR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EPT622FAR2G ONSEMI-MC100EPT622FAR2G Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
More results

同様の説明 - MC100EPT622FAR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com