データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVE310 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100LVE310
部品情報  3.3 V ECL 2:8 Differential Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE310 データシート(HTML) 1 Page - ON Semiconductor

  MC100LVE310 Datasheet HTML 1Page - ON Semiconductor MC100LVE310 Datasheet HTML 2Page - ON Semiconductor MC100LVE310 Datasheet HTML 3Page - ON Semiconductor MC100LVE310 Datasheet HTML 4Page - ON Semiconductor MC100LVE310 Datasheet HTML 5Page - ON Semiconductor MC100LVE310 Datasheet HTML 6Page - ON Semiconductor MC100LVE310 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 6
1
Publication Order Number:
MC100LVE310/D
MC100LVE310
3.3 V ECL 2:8 Differential
Fanout Buffer
Description
The MC100LVE310 is a low voltage, low skew 2:8 differential ECL
fanout buffer designed with clock distribution in mind. The device
features fully differential clock paths to minimize both device and
system skew. The LVE310 offers two selectable clock inputs to allow
for redundant or test clocks to be incorporated into the system clock
trees.
To ensure that the tight skew specification is met it is necessary that
both sides of the differential output are terminated into 50
W, even if
only one side is being used. In most applications all eight differential
pairs will be used and therefore terminated. In the case where fewer
than eight pairs are used it is necessary to terminate at least the output
pairs adjacent to the output pair being used in order to maintain
minimum skew. Failure to follow this guideline will result in small
degradations of propagation delay (on the order of 10−20 ps) of the
outputs being used, while not catastrophic to most designs this will
result in an increase in skew. Note that the package corners isolate
outputs from one another such that the guideline expressed above
holds only for outputs on the same side of the package.
The MC100LVE310, as with most ECL devices, can be operated
from a positive VCC supply in LVPECL mode. This allows the
LVE310 to be used for high performance clock distribution in +3.3 V
systems. Designers can take advantage of the LVE310’s performance
to distribute low skew clocks across the backplane or the board. In
a PECL environment series or Thevenin line terminations are
typically used as they require no additional power supplies, if parallel
termination is desired a terminating voltage of VCC − 2.0 V will need
to be provided. For more information on using PECL, designers
should refer to Application Note AN1406/D.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
200 ps Part-to-Part Skew
50 ps Output-to-Output Skew
PECL Mode Operating Range:
VCC = 3.0 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.8 V
Q Output will Default LOW with All Inputs Open or at VEE
The 100 Series Contains Temperature Compensation
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
PLCC−28
FN SUFFIX
CASE 776
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
MC100LVE310G
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
Device
Package
Shipping†
ORDERING INFORMATION
MC100LVE310FNG
PLCC−28
(Pb-Free)
37 Units / Tube
MC100LVE310FNR2G
PLCC−28
(Pb-Free)
500 Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


同様の部品番号 - MC100LVE310

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FN ONSEMI-MC100LVE310FN Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FNG ONSEMI-MC100LVE310FNG Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310FNR2 ONSEMI-MC100LVE310FNR2 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results

同様の説明 - MC100LVE310

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100E310 ONSEMI-MC100E310_16 Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com