データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML12-0.5-A データシート(PDF) 3 Page - SL Power Electronics

部品番号 ML12-0.5-A
部品情報  Commercial/Medical International Linears
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLPOWER [SL Power Electronics]
ホームページ  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ML12-0.5-A データシート(HTML) 3 Page - SL Power Electronics

  ML12-0.5-A Datasheet HTML 1Page - SL Power Electronics ML12-0.5-A Datasheet HTML 2Page - SL Power Electronics ML12-0.5-A Datasheet HTML 3Page - SL Power Electronics ML12-0.5-A Datasheet HTML 4Page - SL Power Electronics ML12-0.5-A Datasheet HTML 5Page - SL Power Electronics ML12-0.5-A Datasheet HTML 6Page - SL Power Electronics ML12-0.5-A Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
118
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
l
e
d
o
M
l
a
i
c
r
e
m
m
o
C
1
t
u
p
t
u
O
2
t
u
p
t
u
O
3
t
u
p
t
u
O
e
s
a
C
+
A
-
9
7
3
P
C
A
6
@
V
5
+K
P
A
6
/
5
.
3
@
V
4
2
+A
2
.
1
@
V
2
1
-
r
o
5
-B
B
N
+
A
-
8
9
4
P
C
A
6
@
V
5
+K
P
A
0
1
/
5
@
V
2
1
+A
5
.
0
@
V
2
1
-B
B
N
**May require fan cooling.
*Requires fan cooling.
**May require fan cooling.
***No. 3 output usable at -5V, rate at 1/2 of 15V current rating.
FIXED DISK SERIES
)
l
a
u
D
(
l
e
d
o
M
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
1
t
u
p
t
u
O
2
t
u
p
t
u
O
e
s
a
C
+
A
-
V
O
-
5
.
1
-
5
A
A
H
A
5
.
1
@
V
5A
5
.
1
@
V
5A
A
+
A
-
V
O
-
3
-
5
B
B
H
A
3
@
V
5A
3
@
V
5B
B
+
A
-
V
O
-
6
-
5
C
C
H
A
6
@
V
5A
6
@
V
5C
C
+
A
-
2
1
5
A
A
H
A
-
2
1
5
A
A
M
A
2
@
V
5A
5
.
0
@
V
5
1
-
9A
A
+
A
-
2
1
5
B
B
H
A
-
2
1
5
B
B
M
A
3
@
V
5A
2
.
1
@
V
5
1
-
9B
B
*
*
+
A
-
2
1
5
C
C
H
A
-
2
1
5
C
C
M
A
6
@
V
5A
5
.
2
@
V
5
1
-
9C
C
*
*
+
A
-
4
2
5
A
A
H
A
-
4
2
5
A
A
M
A
2
@
V
5A
3
.
0
@
V
4
2
-
8
1A
A
+
A
-
4
2
5
B
B
H
A
-
4
2
5
B
B
M
A
3
@
V
5A
8
.
0
@
V
4
2
-
8
1B
B
+
A
-
4
2
5
C
C
H
A
-
4
2
5
C
C
M
A
6
@
V
5A
2
@
V
4
2
-
8
1C
C
+
A
-
4
.
0
-
2
1
D
A
H
A
4
.
0
@
V
2
1
+A
4
.
0
@
V
2
1
-B
A
-
5
2
.
0
-
2
1
L
L
M
A
5
2
.
0
@
V
2
1
+A
5
2
.
0
@
V
2
1
-L
A
-
2
.
0
-
5
1
L
L
M
A
2
.
0
@
V
5
1
-
/
+A
0
2
0
.
0
@
V
5
1
-L
+
A
-
4
.
0
-
5
1
D
A
H
A
4
.
0
@
V
5
1
+A
4
.
0
@
V
5
1
-B
+
A
-
8
.
0
-
5
1
A
A
H
A
-
8
.
0
-
5
1
A
A
M
A
8
.
0
/
A
1
@
V
5
1
o
t
2
1
+A
8
.
0
/
A
1
@
V
5
1
-
o
t
2
1
-A
A
+
A
-
5
.
1
-
5
1
B
B
H
A
-
5
.
1
-
5
1
B
B
M
A
5
.
1
/
A
7
.
1
@
V
5
1
o
t
2
1
+A
5
.
1
/
A
7
.
1
@
V
5
1
-
o
t
2
1
-B
B
+
A
-
3
-
5
1
C
C
H
A
-
3
-
5
1
C
C
M
A
3
/
A
4
.
3
@
V
5
1
o
t
2
1
+A
3
/
A
4
.
3
@
V
5
1
-
o
t
2
1
-C
C
*
+
A
-
5
-
5
1
D
D
H
A
5
@
V
5
1
o
t
2
1
+A
5
@
V
5
1
-
o
t
2
1
-E
+
A
-
6
.
0
-
4
2
A
A
H
A
6
.
0
/
A
4
.
0
@
V
4
2
o
t
8
1
+A
6
.
0
/
A
4
0
.
@
V
4
2
-
o
t
8
1
-A
A
Commercial/Medical International + Linears
)
e
l
p
i
r
T
(
l
e
d
o
M
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
1
t
u
p
t
u
O
2
t
u
p
t
u
O
3
t
u
p
t
u
O
e
s
a
C
A
-
W
5
-
L
L
T
M
A
5
.
0
@
V
5A
1
.
0
@
V
5
1
o
t
2
1
+*
*
*
A
1
.
0
@
V
5
1
o
t
2
1
-L
+
A
-
W
6
1
-
A
A
T
H
A
-
W
6
1
-
A
A
T
M
A
2
@
V
5A
4
.
0
/
4
.
0
@
V
5
1
o
t
2
1
+*
*
*
A
4
.
0
/
4
.
0
@
V
5
1
o
t
2
1
-A
A
+
A
-
W
0
4
A
A
B
H
A
-
W
0
4
-
A
A
B
M
A
3
@
V
5A
8
.
0
/
1
@
V
5
1
o
t
2
1
+*
*
*
A
8
.
0
/
1
@
V
5
1
o
t
2
1
-A
A
B
*
*
+
A
-
W
5
0
1
B
B
C
H
A
3
@
V
5A
0
.
3
/
4
.
3
@
V
5
1
o
t
2
1
+*
*
*
A
3
/
4
.
3
@
V
5
1
o
t
2
1
-B
B
C
+
A
-
W
0
6
A
A
C
H
A
-
W
0
6
A
A
C
M
A
6
@
V
5A
8
.
0
/
1
@
V
5
1
o
t
2
1
+*
*
*
A
8
.
0
/
1
@
V
5
1
o
t
2
1
-D
+
A
-
W
-
5
7
B
B
C
H
A
-
W
5
7
B
B
C
M
A
6
@
V
5A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
+*
*
*
A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
-B
B
C
+
A
-
1
3
1
P
C
A
8
@
V
5A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
+*
*
*
A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
-B
B
N
+
A
-
6
0
2
P
C
)
K
P
5
.
3
(
A
3
,
V
4
2A
3
,
V
5A
1
,
V
5B
B
C
+
A
-
3
2
3
P
C
A
2
@
V
5A
4
@
V
2
1A
/
NB
B
*
+
A
-
W
5
0
1
B
B
D
H
A
2
1
@
V
5A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
+*
*
*
A
5
.
1
/
7
.
1
@
V
5
1
o
t
2
1
-B
B
D
*
+
A
-
W
0
5
1
C
C
D
H
A
2
1
@
V
5A
3
/
4
.
3
@
V
5
1
o
t
2
1
+*
*
*
A
3
/
4
.
3
@
V
5
1
o
t
2
1
-C
C
D


同様の部品番号 - ML12-0.5-A

メーカー部品番号データシート部品情報
logo
SL Power Electronics
ML12-0.5-A SLPOWER-ML12-0.5-A Datasheet
374Kb / 7P
   DC Power Supplies
More results

同様の説明 - ML12-0.5-A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
XP Power Limited
JHM1024D15 XPPOWER-JHM1024D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM0612S05 XPPOWER-JHM0612S05 Datasheet
337Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
ISM02 XPPOWER-ISM02 Datasheet
379Kb / 3P
   International Medical Safety Approvals
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
GLC50AG ETC2-GLC50AG Datasheet
267Kb / 2P
   GLC50 Commercial/GLM50 Medical
SLS-24-120T ETC2-SLS-24-120T Datasheet
519Kb / 5P
   Silver Line Series ??Single Multi-Output Linears
logo
Winchester Electronics ...
780390 WINCHESTER-780390 Datasheet
78Kb / 1P
   INTERNATIONAL TRILOC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com