データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1-D データシート(PDF) 8 Page - Cooper Bussmann, Inc.

部品番号 TD1-D
部品情報  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TD1-D データシート(HTML) 8 Page - Cooper Bussmann, Inc.

  TD1-D Datasheet HTML 1Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 2Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 3Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 4Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 5Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 6Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 7Page - Cooper Bussmann, Inc. TD1-D Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
Eaton
EMEA Headquarters
Route de la Longeraie 7
1110 Morges, Switzerland
Eaton.eu
© 2015 Eaton
All Rights Reserved
Publication No. 10163
March 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Dimensions (mm) 3-pole, sizes 1, 2 and 3
Size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
NH1
3-pole
199
175
56
35
79
37
78
M10x25
25
10
30
188
66
245
125.5
NH2
3-pole
224
199
56
35
79
37.5
86
M10x25
25
10
30
188
66
245
125.5
3-pole double clip
223
199
56
35
82
37
79
M10x25
25
10
30
188
66
245
125.5
NH3
3-pole
239
209
56
36
82
37.5
88
M12x30
25
10
30
221
82.5
260
137.5
Changes to the products, to the information
contained in this document, and to prices
are reserved; so are errors and omissions.
Only order confirmations and technical
documentation by Eaton is binding. Photos
and pictures also do not warrant a specific
layout or functionality. Their use in whatever
form is subject to prior approval by Eaton.
The same applies to Trademarks (especially
Eaton, Moeller, and Cutler-Hammer). The
Terms and Conditions of Eaton apply, as
referenced on Eaton Internet pages and
Eaton order confirmations.


同様の部品番号 - TD1-D

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Tumbler Technologies + ...
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 5V Input, 5-6 Watts
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
More results

同様の説明 - TD1-D

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Molex Electronics Ltd.
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
   B22 SERIES BASES
2006/04/15
1210120095 MOLEX-1210120095 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006.04.15
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
   B15 SERIES BASES
2006/04/15
1210120099 MOLEX-1210120099 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130199 MOLEX-1210130199 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210130233 MOLEX-1210130233 Datasheet
128Kb / 1P
   B28 SERIES BASES
2006/04/15
1210120168 MOLEX-1210120168 Datasheet
116Kb / 1P
   B20 SERIES BASES
2006/04/15
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com