データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI9912DY データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI9912DY
部品情報  Half-Bridge MOSFET Driver for Switching Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9912DY データシート(HTML) 1 Page - Vishay Siliconix

  SI9912DY Datasheet HTML 1Page - Vishay Siliconix SI9912DY Datasheet HTML 2Page - Vishay Siliconix SI9912DY Datasheet HTML 3Page - Vishay Siliconix SI9912DY Datasheet HTML 4Page - Vishay Siliconix SI9912DY Datasheet HTML 5Page - Vishay Siliconix SI9912DY Datasheet HTML 6Page - Vishay Siliconix SI9912DY Datasheet HTML 7Page - Vishay Siliconix SI9912DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CBOOT
Q1
VDC
OUTPUT
VDD
IN
Undervoltage
GND
Q2
+
VDD
Level Shift
OUTL
OUTH
SD
VBBM
BOOT
D1
VS
Si9912
Vishay Siliconix
Document Number: 71311
S-40134—Rev. B, 16-Feb-04
www.vishay.com
1
Half-Bridge MOSFET Driver for Switching Power Supplies
FEATURES
APPLICATIONS
D 4.5- to 5.5-V Operation
D Undervoltage Lockout
D 250-kHz to 1-MHz Switching Frequency
D Shutdown Quiescent Current <5 mA
D One Input PWM Signal Generates Both Drive
D Bootstrapped High-Side Drive
D Operates from 4.5- to 30-V Supply
D TTL/CMOS Compatible Input Levels
D 1-A Peak Drive Current
D Break-Before-Make Circuit
D Multiphase Desktop CPU Supplies
D Single-Supply Synchronous Buck Converters
D Mobile Computing CPU Core Power Converters
D Standard-Synchronous Converters
D High Frequency Switching Converters
DESCRIPTION
The Si9912 is a dual MOSFET high-speed driver with
break-before-make. It is designed to operate in high frequency
dc-dc switchmode power supplies. The high-side driver is
bootstrapped to handle the high voltage slew rate associated
with “floating” high-side gate drivers. Each driver is capable of
switching a 3000-pF load with 60-ns propogation delay and
25-ns transition time. The Si9912 comes with an internal
break-before-make feature to prevent shoot-through current in
the external MOSFETs. A shutdown pin is used to enable the
driver. When disabled, the quiescent current of the driver is
less than 5 mA.
The Si9912 is available in both standard and lead (Pb)-free, 8-pin
SOIC packages for operation over the industrial operation range
(−40_C to 85_C).
FUNCTIONAL BLOCK DIAGRAM AND TRUTH TABLE
TRUTH TABLE
VS SD IN VOUTL VOUTH
L
L
L
L
L
L
L
H
L
L
L
H
L
H
L
L
H
H
L
H
H
L
L
L
L
H
L
H
L
L
H
H
L
L
L
H
H
H
L
H


同様の部品番号 - SI9912DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9912 VISHAY-SI9912 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
More results

同様の説明 - SI9912DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9913 VISHAY-SI9913_04 Datasheet
106Kb / 9P
   Half-Bridge MOSFET Driver for Switching Power Supplies
Rev. B, 16-Feb-04
SI9912 VISHAY-SI9912_V01 Datasheet
166Kb / 10P
   Half-Bridge MOSFET Driver for Switching Power Supplies
01-Jan-2022
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com