データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB100A10KRH8-0-T6-G データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 MTB100A10KRH8-0-T6-G
部品情報  Dual N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB100A10KRH8-0-T6-G データシート(HTML) 3 Page - Cystech Electonics Corp.

  MTB100A10KRH8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB100A10KRH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C059H8
Issued Date : 2016.11.01
Revised Date : 2016.11.02
Page No. : 3/ 10
MTB100A10KRH8
CYStek Product Specification
-
100
130
VGS =10V, ID=2A
*RDS(ON)
-
120
165
VGS =4.5V, ID=2A
Dynamic
*Qg
-
7.7
11.6
*Qgs
-
1.4
-
*Qgd
-
1.5
-
nC
VDS=80V, ID=2A, VGS=10V
*td(ON)
-
5.8
8.7
*tr
-
17
25.5
*td(OFF)
-
19.6
29.4
*tf
-
13.6
20.4
ns
VDS=50V, ID=2A, VGS=10V, RG=1Ω
Ciss
-
382
573
Coss
-
27
40.5
Crss
-
6.7
10
pF
VGS=0V, VDS=50V, f=1MHz
Rg
-
4.9
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
8
*ISM
-
-
20
A
*VSD
-
0.83
1.2
V
IS=2A, VGS=0V
*trr
-
17.9
-
ns
*Qrr
-
15.6
-
nC
VGS=0V, IF=5A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint
unit : mm


同様の部品番号 - MTB100A10KRH8-0-T6-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB100A10KRH8-0-T6-G

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4806B HMSEMI-HM4806B Datasheet
701Kb / 8P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4804MT A-POWER-AP4804MT Datasheet
258Kb / 8P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6A100M A-POWER-AP6A100M Datasheet
72Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com