データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA27A データシート(PDF) 3 Page - Lite-On Technology Corporation

部品番号 SMA27A
部品情報  UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMA27A データシート(HTML) 3 Page - Lite-On Technology Corporation

  SMA27A Datasheet HTML 1Page - Lite-On Technology Corporation SMA27A Datasheet HTML 2Page - Lite-On Technology Corporation SMA27A Datasheet HTML 3Page - Lite-On Technology Corporation SMA27A Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Breakdowm voltage
VBR Volts
Working
PeakReverse
Voltage
Maximum
Reverse
Leakage at
VRWM
Maximum
Reverse Surge
Current
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
(UNI)
(BI)
Min.
Max.
@IT( mA)
VRWM(Volts)
IR (uA)
IRSM(Amps)
VRSM(Volts)
SMA6.8
SMA6.8C
ADK
ADM
6.12
7.48
10
5.50
1000
37.0
10.8
SMA6.8A
SMA6.8CA
AEK
AEM
6.45
7.13
10
5.80
1000
38.1
10.5
SMA7.5
SMA7.5C
AFK
AFM
6.75
8.25
10
6.05
500
34.2
11.7
SMA7.5A
SMA7.5CA
AGK
AGM
7.13
7.88
10
6.40
500
35.4
11.3
SMA8.2
SMA8.2C
AHK
AHM
7.38
9.02
10
6.63
200
32.0
12.5
SMA8.2A
SMA8.2CA
AKK
AKM
7.79
8.61
10
7.02
200
33.1
12.1
SMA9.1
SMA9.1C
ALK
ALM
8.19
10.0
10
7.37
50.0
29.0
13.8
SMA9.1A
SMA9.1CA
AMK AMM
8.65
9.55
10
7.78
50.0
29.8
13.4
SMA10
SMA10C
ANK
ANM
9.00
11.0
1.0
8.10
20.0
26.7
15.0
SMA10A
SMA10CA
APK
APM
9.50
10.5
1.0
8.55
20.0
27.6
14.5
SMA11
SMA11C
AQK
AQM
9.90
12.1
1.0
8.92
5.0
24.7
16.2
SMA11A
SMA11CA
ARK
ARM
10.5
11.6
1.0
9.40
5.0
25.6
15.6
SMA12
SMA12C
ASK
ASM
10.8
13.2
1.0
9.72
5.0
23.1
17.3
SMA12A
SMA12CA
ATK
ATM
11.4
12.6
1.0
10.2
5.0
23.9
16.7
SMA13
SMA13C
AUK
AUM
11.7
14.3
1.0
10.5
5.0
21.0
19.0
SMA13A
SMA13CA
AVK
AVM
12.4
13.7
1.0
11.1
5.0
22.0
18.2
SMA15
SMA15C
AWK AWM
13.5
16.3
1.0
12.1
5.0
18.2
22.0
SMA15A
SMA15CA
AXK
AXM
14.3
15.8
1.0
12.8
5.0
18.7
21.2
SMA16
SMA16C
AYK
AYM
14.4
17.6
1.0
12.9
5.0
17.0
23.5
SMA16A
SMA16CA
AZK
AZM
15.2
16.8
1.0
13.6
5.0
17.8
22.5
SMA18
SMA18C
BDK
BDM
16.2
19.8
1.0
14.5
5.0
15.1
26.5
SMA18A
SMA18CA
BEK
BEM
17.1
18.9
1.0
15.3
5.0
15.7
25.5
SMA20
SMA20C
BFK
BFM
18.0
22.0
1.0
16.2
5.0
13.7
29.1
SMA20A
SMA20CA
BGK
BGM
19.0
21.0
1.0
17.1
5.0
14.4
27.7
SMA22
SMA22C
BHK
BHM
19.8
24.2
1.0
17.8
5.0
12.5
31.9
SMA22A
SMA22CA
BKK
BKM
20.9
23.1
1.0
18.8
5.0
13.1
30.6
SMA24
SMA24C
BLK
BLM
21.6
26.4
1.0
19.4
5.0
11.5
34.7
SMA24A
SMA24CA
BMK
BMM
22.8
25.2
1.0
20.5
5.0
12.0
33.2
SMA27
SMA27C
BNK
BNM
24.3
29.7
1.0
21.8
5.0
10.2
39.1
SMA27A
SMA27CA
BPK
BPM
25.7
28.4
1.0
23.1
5.0
10.7
37.5
SMA30
SMA30C
BQK
BQM
27.0
33.0
1.0
24.3
5.0
9.2
43.5
SMA30A
SMA30CA
BRK
BRM
28.5
31.5
1.0
25.6
5.0
9.7
41.4
SMA33
SMA33C
BSK
BSM
29.7
36.3
1.0
26.8
5.0
8.4
47.7
SMA33A
SMA33CA
BTK
BTM
31.4
34.7
1.0
28.2
5.0
8.8
45.7
SMA36
SMA36C
BUK
BUM
32.4
39.6
1.0
29.1
5.0
7.7
52.0
SMA36A
SMA36CA
BVK
BVM
34.2
37.8
1.0
30.8
5.0
8.0
49.9
SMA39
SMA39C
BWK BWM
35.1
42.9
1.0
31.6
5.0
7.1
56.4
SMA39A
SMA39CA
BXK
BXM
37.1
41.0
1.0
33.3
5.0
7.4
53.9
SMA43
SMA43C
BYK
BYM
38.7
47.3
1.0
34.8
5.0
6.5
61.9
SMA43A
SMA43CA
BZK
BZM
40.9
45.2
1.0
36.8
5.0
6.7
59.3
Device
Uni-
directional
Device
Bi-
directional
Device
Marking code
SEMICONDUCTOR
LITE-ON


同様の部品番号 - SMA27A

メーカー部品番号データシート部品情報
logo
Tyco Electronics
SMA27 MACOM-SMA27 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
627Kb / 3P
   Cascadable Amplifier 10 to 1500 MHz
More results

同様の説明 - SMA27A

メーカー部品番号データシート部品情報
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com