データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2220G-LBTR データシート(PDF) 2 Page - Rohm

部品番号 BD2220G-LBTR
部品情報  1ch Small Package High Side Switch ICs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD2220G-LBTR データシート(HTML) 2 Page - Rohm

  BD2220G-LBTR Datasheet HTML 1Page - Rohm BD2220G-LBTR Datasheet HTML 2Page - Rohm BD2220G-LBTR Datasheet HTML 3Page - Rohm BD2220G-LBTR Datasheet HTML 4Page - Rohm BD2220G-LBTR Datasheet HTML 5Page - Rohm BD2220G-LBTR Datasheet HTML 6Page - Rohm BD2220G-LBTR Datasheet HTML 7Page - Rohm BD2220G-LBTR Datasheet HTML 8Page - Rohm BD2220G-LBTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/20
BD2220G-LB
BD2221G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300380-1-2
21.Feb.2014 Rev.002
OCD
Delay
Counter
SQ
R
Charge
pump
TSD
UVLO
/OC
EN
VIN
VOUT
GND
Block Diagram
Pin Configurations
VIN
GND
EN
1
2
3
4
5
/OC
VOUT
VIN
GND
/EN
1
2
34
5
/OC
VOUT
Pin Description
Pin No.
Symbol
I/O
Function
1
VIN
-
Switch input and the supply voltage for the IC.
2
GND
-
Ground.
3
EN, /EN
I
Enable input.
EN: High level input turns on the switch. (BD2220G)
/EN: Low level input turns on the switch. (BD2221G)
4
/OC
O
Over-current notification terminal.
Low level output during over-current or over-temperature condition.
Open-drain fault flag output.
5
VOUT
O
Switch output.
BD2220G
TOP VIEW
BD2221G
TOP VIEW


同様の部品番号 - BD2220G-LBTR

メーカー部品番号データシート部品情報
logo
Rohm
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

同様の説明 - BD2220G-LBTR

メーカー部品番号データシート部品情報
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com