データシートサーチシステム |
|
BD2226G データシート(PDF) 1 Page - Rohm |
|
BD2226G データシート(HTML) 1 Page - Rohm |
1 / 26 page 1ch Compact High Side Switch ICs 1.0A Current Limit High Side Switch ICs BD2226G BD2227G General Description BD2226G and BD2227G are low ON-Resistance N-Channel MOSFET high-side power switches, optimized for Universal Serial Bus (USB) applications. BD2226G and BD2227G are equipped with the function of over-current detection, thermal shutdown, under-voltage lockout and soft-start. Features ■ Over-Current Detection ■ Thermal Shutdown ■ Open-Drain Fault Flag Output ■ Flag Output Delay ■ Under-Voltage Lockout ■ Soft-Start Circuit ■ Control Input Logic Active-High (BD2226G) Active-Low (BD2227G) Applications USB hub in consumer appliances, PC, PC peripheral equipment, and so forth Key Specifications Input Voltage Range: 2.7V to 5.5V ON-Resistance : 150mΩ(Typ) Over-Current Threshold: 0.75A (Min), 1.35A (Max) Standby Current: 0.01μA (Typ) Operating Temperature Range: -40°C to +85°C Package W(Typ) D(Typ) H (Max) Typical Application Circuit Lineup Over-Current Threshold Control Input Logic Package Orderable Part Number Min Typ Max 750mA 1000mA 1350mA High SSOP5 Reel of 3000 BD2226G-TR 750mA 1000mA 1350mA Low SSOP5 Reel of 3000 BD2227G-TR SSOP5 2.90mm x 2.80mm x 1.25mm 10kΩ~ 100kΩ CL CIN VIN GND EN VOUT /OC 5V (Typ.) + - 3.3V 5V(Typ) 10kΩ to 100kΩ IN OUT ○ Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays 1/22 www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 TSZ02201-0E3E0H300210-1-2 21.Aug.2014 Rev.002 Datasheet |
同様の部品番号 - BD2226G |
|
同様の説明 - BD2226G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |