データシートサーチシステム |
|
TS80C31X2-LLBR データシート(PDF) 7 Page - ATMEL Corporation |
|
TS80C31X2-LLBR データシート(HTML) 7 Page - ATMEL Corporation |
7 / 42 page Rev. C - 15 January, 2001 7 TS80C31X2 Figure 2. Mode Switching Waveforms The X2 bit in the CKCON register (See Table 3.) allows to switch from 12 clock cycles per instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD mode). Setting this bit activates the X2 feature (X2 mode). CAUTION In order to prevent any incorrect operation while operating in X2 mode, user must be aware that all peripherals using clock frequency as time reference (UART, timers) will have their time reference divided by two. For example a free running timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate. XTAL1:2 XTAL1 CPU clock X2 bit X2 Mode STD Mode STD Mode |
同様の部品番号 - TS80C31X2-LLBR |
|
同様の説明 - TS80C31X2-LLBR |