データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS80C51RA2-VIJR データシート(PDF) 9 Page - ATMEL Corporation

部品番号 TS80C51RA2-VIJR
部品情報  High Performance 8-bit Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VIJR データシート(HTML) 9 Page - ATMEL Corporation

Back Button TS80C51RA2-VIJR Datasheet HTML 5Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 6Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 7Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 8Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 9Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 10Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 11Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 12Page - ATMEL Corporation TS80C51RA2-VIJR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Rev. C - 06 March, 2001
9
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
5.1. Pin Description for 64/68 pin Packages
Port 4 and Port 5 are 8-bit bidirectional I/O ports with internal pull-ups. Pins that have 1 written to them are pulled
high by the internal pull ups and can be used as inputs.
As inputs, pins that are externally pulled low will source current because of the internal pull-ups.
Refer to the previous pin description for other pins.
Table 2. 64/68 Pin Packages Configuration
PLCC68
SQUARE VQFP64
1.4
VSS
51
9/40
VCC
17
8
P0.0
15
6
P0.1
14
5
P0.2
12
3
P0.3
11
2
P0.4
9
64
P0.5
6
61
P0.6
5
60
P0.7
3
59
P1.0
19
10
P1.1
21
12
P1.2
22
13
P1.3
23
14
P1.4
25
16
P1.5
27
18
P1.6
28
19
P1.7
29
20
P2.0
54
43
P2.1
55
44
P2.2
56
45
P2.3
58
47
P2.4
59
48
P2.5
61
50
P2.6
64
53
P2.7
65
54
P3.0
34
25
P3.1
39
28


同様の部品番号 - TS80C51RA2-VIJR

メーカー部品番号データシート部品情報
logo
International Rectifier
TS80C51RA2-VIA IRF-TS80C51RA2-VIA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIA ATMEL-TS80C51RA2-VIA Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-VIA ATMEL-TS80C51RA2-VIA Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2-VIB IRF-TS80C51RA2-VIB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIB ATMEL-TS80C51RA2-VIB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
More results

同様の説明 - TS80C51RA2-VIJR

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com