データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-172253-1000 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-172253-1000
部品情報  ULTRA-FIT RECEPTACLE TERMINAL FOR 16-18 AWG, 20-22AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-172253-1000 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-172253-1000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ±
°
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
172253
SEE CHART
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.25
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NUMBER
1 OF 1
DIMENSION UNITS
SCALE
MM
1:1
DRWN BY
DATE
DROSCA
2014/03/07
CHK'D BY
DATE
APPR BY
DATE
JCOMERCI
2014/04/24
DOCUMENT NUMBER
DOC TYPE
DOC PART
SD-172253-1000
PSD
000
DRAWING SIZE
THIRD ANGLE PROJECTION
D
ULTRA-FIT RECEPTACLE
TERMINAL FOR 16-18 AWG, 20-22AWG
PRODUCT CUSTOMER DRAWING
C8
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
C
=
0
FORMAT: master-tb-prod-D
REVISION: B
DATE: 2015/8/12
RELEASE STATUS
P1
RELEASE DATE
24.05.2016
17:04:49
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
J
J
K
K
L
L
MOLEX LOGO
MXN
SCALE 8:1
172253-3023
4.54
20-22
30AU/NICKEL
15AU/NICKEL
WIRE SIZE [AWG]
172253-3123
16-18
NOTES:
1. MATERIAL: HIGH CONDUCTIVITY COPPER ALLOY
2. PLATING FINISH:
OPTION 1 - 1.5µm(60µin)-2.5µm(100µin) TIN OVER
1.25µm(50µin)-2.5µm(100µin) NICKEL OVERALL
OPTION 2 - 0.35µm(15µin) GOLD CONTACT AREA,
1.5µm(60µin)-2.5µm(100µin) TIN CRIMP AREA OVER
1.25µm(50µin)-2.5µm(100µin) NICKEL OVERALL
OPTION 3 - 0.70µm(30µin) GOLD CONTACT AREA,
1.5µm(60µin)-2.5µm(100µin) TIN CRIMP AREA OVER
1.25µm(50µin)-2.5µm(100µin) NICKEL OVERALL
3. PRODUCT SPECIFICATION PS-172323-0001
4. PACKAGING SPECIFICATION PK-172253-5101
5. TERMINAL FOR USE WITH 172256, 172258, 172260 AND 172262
RECEPTACLE HOUSING
6. WHEN TERMINALS ARE INSTALLED IN THE HOUSING THE WIRES
ARE TO BE DRESSED IN SUCH WAY TO ALLOW THE TERMINALS TO
FLOAT FREELY IN THE POCKET
7. TERMINAL DESIGNED FOR SINGLE WIRE CRIMP
8. PART CONFORMS TO CLASS "B" REQUIREMENTS OF COSMETIC
SPECIFICATION PS-45499-002
9.APPLICATION SPECIFICATION AS-172323-0001
10.RECOMMENDED INSULATOR
16AWG WIRE - OD 2.00MM MAX.
18AWG WIRE - OD 1.70MM MAX.
20AWG WIRE - OD 1.50MM MAX.
22AWG WIRE - OD 1.30MM MAX.
20-22
DIM A
5.54
TIN/NICKEL
TIN/NICKEL
PART NUMBER
172253-3011
172253-3112
16-18
172253-3012
4.54
5.54
4.54
172253-3111
CONTACT PLATING OPTION
FINISHED RECEPTACLE TERMINALS
15AU/NICKEL
16-18
30AU/NICKEL
4.54
20-22
Z
Z
SECTION
Z
-Z
Y
Y
SECTION
Y-Y
DIM "B"
1.41
16-18 AWG
20-22 AWG
DIM "B"
2.71
2.16
DIM "C"
2.77
2.20
DIM "D"
2.63
2.08
DIM "E"
2.89
2.33
DIM "D"
REF
17.00
1.50
DIM "E"
REF
8.50
DIM "C"
0.20 REF
CUT OFF VESTIGE
DETAIL 3
SCALE 2:1
SEE DETAIL 3
DIM "A"
REF
1.41
3.45
+0.10
-0.29
REF
19.87
REF
3.79
REF
2.97


同様の部品番号 - SD-172253-1000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-172286-1000 MOLEX-SD-172286-1000 Datasheet
597Kb / 10P
   APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
SD-172287-1000 MOLEX-SD-172287-1000 Datasheet
597Kb / 10P
   APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
SD-172298-1000 MOLEX-SD-172298-1000 Datasheet
597Kb / 10P
   APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
SD-172299-1000 MOLEX-SD-172299-1000 Datasheet
597Kb / 10P
   APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
More results

同様の説明 - SD-172253-1000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1722533112-12-B0 MOLEX11-1722533112-12-B0 Datasheet
739Kb / 1P
   ULTRA-FIT RECEPTACLE TERMINAL FOR 16-18 AWG, 20-22AWG
2002221700 MOLEX-2002221700 Datasheet
23Kb / 1P
   Extraction Tool for Ultra-Fit Plug Terminals, 16-18 AWG and 20-22 AWG Wires
08/25/2022
0639043300 MOLEX-0639043300 Datasheet
33Kb / 2P
   FineAdjust Applicator for Ultra-Fit Crimp Terminals, 16-18 AWG
08/25/2022
63903-2800 MOLEX11-63903-2800 Datasheet
37Kb / 1P
   FineAdjust Applicator for Ultra-Fit Terminals, 16-18 AWG (UL1061) wires
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
   Crimp Terminal 35747, 1818, 2020 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
   Crimp Terminal 35748, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
   Crimp Terminal 35745, 1818, 2020 AWG
0357460310 MOLEX5-0357460310 Datasheet
94Kb / 2P
   Crimp Terminal 35746, 1818, 2020 AWG
0638275300 MOLEX11-0638275300 Datasheet
36Kb / 1P
   Hand Crimp Tool for Ultra-Fit Crimp Terminals, 16-18 AWG (UL1061) wires
0638248700 MOLEX-0638248700 Datasheet
34Kb / 2P
   Extraction Tool for Ultra-Fit Tangless Crimp Terminals, 16-18 AWG (UL1061 Wires)
08/26/2022
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com