データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL38 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100LVEL38
部品情報  3.3V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL38 データシート(HTML) 5 Page - ON Semiconductor

  MC100LVEL38_16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 6Page - ON Semiconductor MC100LVEL38_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC100LVEL38
www.onsemi.com
5
Table 6. AC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency (Figure 4)
Divide by 2
Divide by 4, Divide by 6
1.0
0.8
1.2
0.82
1.0
0.8
1.2
0.82
1.0
0.8
1.2
0.82
GHz
tPLH
tPHL
Propagation Delay to Output
CLK to Q (Differential)
CLK to Q (Single-Ended)
CLK to Phase_Out (Differential)
CLK to Phase_Out (Single-Ended)
MR to.Q
810
710
800
750
510
1010
1010
1000
1050
810
850
750
840
790
540
1050
1050
1040
1090
840
900
800
890
840
570
1100
1100
1090
1140
870
ps
tSKEW
Within-Device Skew (Note 2)
Q0 − Q3
All
50
75
50
75
50
75
ps
Part-to-Part
Q0 − Q3 (Differential)
All
200
240
200
240
200
240
tS
Setup Time
EN to CLK
DIVSEL to CLK
150
150
150
ps
tH
Hold Time
CLK to EN
CLK to Div_Sel
150
200
150
200
150
200
ps
VPP
Input Swing (Note 3)
CLK
250
1000
250
1000
250
1000
mV
tRR
Reset Recovery Time
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
800
700
800
700
800
700
ps
tr, tf
Output Rise/Fall Times Q (20% − 80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary ±0.3 V.
2. Skew is measured between outputs under identical transitions.
3. VPP (min) is minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down
to 100 mV.
Figure 4. Fmax: Voutpp vs Input Frequency per DIV2/4/6


同様の部品番号 - MC100LVEL38_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL38DW ONSEMI-MC100LVEL38DW Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL38DWG ONSEMI-MC100LVEL38DWG Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL38DWR2 ONSEMI-MC100LVEL38DWR2 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL38DWR2G ONSEMI-MC100LVEL38DWR2G Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results

同様の説明 - MC100LVEL38_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com