データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL38DWR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100LVEL38DWR2G
部品情報  3.3V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL38DWR2G データシート(HTML) 2 Page - ON Semiconductor

  MC100LVEL38DWR2G Datasheet HTML 1Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 2Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 3Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 4Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 5Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 6Page - ON Semiconductor MC100LVEL38DWR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC100LVEL38
www.onsemi.com
2
CLK
Figure 1. Pinout: 20-Lead SOIC (Top View)
CLK
MR
VCC
17
18
16
15
14
13
12
4
3
5
678
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
EN
19
20
2
1
VCC
Q0
DIV_SEL
VBB
VCC
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Phase_Out
Phase_Out
Phase
Out
Logic
CLK
CLK
EN
MR
DIVSEL
÷2
Q0
Q0
Q1
Q1
÷4/6
Q2
Q2
Q3
Q3
PHASE_OUT
PHASE_OUT
Figure 2. Logic Diagram
R
R
R
R
VBB
Table 1. PIN DESCRIPTION
Pin
Function
CLK, CLK
ECL Diff Clock Inputs
Q0, Q1; Q0, Q1
ECL Diff ÷2 Outputs
Q2, Q3; Q2, Q3
ECL Diff ÷4/6 Outputs
EN
ECL Sync Enable Input
MR
ECL Master Reset Input
DIVSEL
ECL Frequency Select Input
Phase_Out, Phase_Out
ECL Phase Sync Diff. Signal Output
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
Table 2. FUNCTION TABLE
CLK
EN
MR
Function
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0−3
Reset Q0−3
Z = Low-to-High Transition
ZZ = High-to-Low Transition
X = Don’t Care
DVSEL
Q2, Q3 OUTPUTS
L
H
Divide by 4
Divide by 6


同様の部品番号 - MC100LVEL38DWR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL38DWR2G ONSEMI-MC100LVEL38DWR2G Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results

同様の説明 - MC100LVEL38DWR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com