データシートサーチシステム |
|
SI4554DY データシート(PDF) 4 Page - Vishay Siliconix |
|
SI4554DY データシート(HTML) 4 Page - Vishay Siliconix |
4 / 14 page www.vishay.com 4 Document Number: 63660 S11-2527-Rev. A, 26-Dec-11 Vishay Siliconix Si4554DY This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted) Output Characteristics On-Resistance vs. Drain Current and Gate Voltage Gate Charge 0 10 20 30 40 0 0.5 1 1.5 2 V DS - Drain-to-Source Voltage (V) V GS = 10 V thru 4 V V GS = 3 V 0.015 0.020 0.025 0.030 0.035 0 10 20 30 40 I D - Drain Current (A) V GS = 8 V V GS = 4.5 V V GS = 10 V 0 2 4 6 8 10 0 3 6 9 12 15 Q g - Total Gate Charge (nC) V DS = 10 V V DS = 20 V V DS = 32 V I D = 6.8 A Transfer Characteristics Capacitance On-Resistance vs. Junction Temperature 0 2 4 6 8 10 0 0.6 1.2 1.8 2.4 3 V GS - Gate-to-Source Voltage (V) T C = 25 °C T C = 125 °C T C = - 55 °C 0 200 400 600 800 1000 0 10 20 30 40 V DS - Drain-to-Source Voltage (V) C iss C oss C rss 0.6 0.8 1.0 1.2 1.4 1.6 1.8 - 50 - 25 0 25 50 75 100 125 150 T J - Junction Temperature (°C) I D = 6.8 A V GS = 10 V; 4.5 V |
同様の部品番号 - SI4554DY |
|
同様の説明 - SI4554DY |