データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD18378EFV-ME2 データシート(PDF) 4 Page - Rohm

部品番号 BD18378EFV-ME2
部品情報  Advanced 12 Channel Constant Current LED Driver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD18378EFV-ME2 データシート(HTML) 4 Page - Rohm

  BD18378EFV-ME2 Datasheet HTML 1Page - Rohm BD18378EFV-ME2 Datasheet HTML 2Page - Rohm BD18378EFV-ME2 Datasheet HTML 3Page - Rohm BD18378EFV-ME2 Datasheet HTML 4Page - Rohm BD18378EFV-ME2 Datasheet HTML 5Page - Rohm BD18378EFV-ME2 Datasheet HTML 6Page - Rohm BD18378EFV-ME2 Datasheet HTML 7Page - Rohm BD18378EFV-ME2 Datasheet HTML 8Page - Rohm BD18378EFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/26
BD18378EFV-M
TSZ02201-0W1W0C500020-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.co
m
TSZ22111・15・001
04. Dec. 2015 Rev.004
Block Diagram
Figure 3. Block diagram
Description of Blocks Functionality
Constant current driver
The chip uses a constant current output driver with a provision for individual calibration per channel.
The constant current ID is derived from referring an internal reference voltage over the external resistor REXT.
The resistor is chosen to set the reference current IREF.
The global reference current, IREF, is mirrored into the channel current to generate a local reference.
The output device is scaled to give 6 bit output range.
�������� = ������������ ∗
����������������
����������������
(������������ + ����)
��������
where VREF is the reference voltage measured at the IREF pin.
Output currents are timed by the assigned PWM input.
The drivers have a low leakage current to keep the LED in firm OFF condition when the channel is inactive.
Full Scale current setting example table:
REXT
IDmax
12kΩ
50mA
20kΩ
30mA
30kΩ
20mA
60kΩ
10mA
Active pull up circuit
A pull up current can be activated to avoid LED flicker during activated and deactivated state. This can be done by
changing the corresponding bit in the EN_PULL_UP@ON and EN_PULL_UP@OFF registers. Please see also the
description of the WRITE_EN_PULL_UP commands.
Shift Register
Control Logic
PWM Maping/
PWM Fault Detection
16
Over
Temperature
LED Open/
Short
Short to GND
Pull up
IREF Diag/
Current Mirror
UVLO
BandGap
Weak LED
Supply
48
x12
SDI
CLK
LATCH
SDO
PGND
IREF
CH0-11
SENSE
VCC
PWM0-5
ERR
Iref
CAL
PWM
12
12
6
72
AGND
Constant Current
Driver


同様の部品番号 - BD18378EFV-ME2

メーカー部品番号データシート部品情報
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
BD18377EFV-ME2 ROHM-BD18377EFV-ME2 Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
More results

同様の説明 - BD18378EFV-ME2

メーカー部品番号データシート部品情報
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
ON Semiconductor
LC75760UJA ONSEMI-LC75760UJA Datasheet
530Kb / 65P
   LED Driver, 12?릀hannel, Constant Current
July, 2018 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
   16-channel EPWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com