データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD10 データシート(PDF) 1 Page - C&K Components

部品番号 BD10
部品情報  Standard Profile DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BD10 データシート(HTML) 1 Page - C&K Components

  BD10 Datasheet HTML 1Page - C&K Components BD10 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
H–16
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Specifications
SWITCH FUNCTION: SPST - 1 thru 12 position available
(except 11 position).
CONTACT RATING:
Carry: 100 mA max. @ 50 V DC.
Switch: 100 mA max. @ 5 V DC or 25 mA max. @ 25 V DC.
MECHANICAL AND ELECTRICAL LIFE: 10,000 make-and-break
cycles at full load, each circuit.
CONTACT RESISTANCE: Below 50 milliohms typ. initial
@ 2-4 V DC 100mA.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 500 V RMS min. @ sea level between
adjacent terminals.
CAPACITANCE: 5pF max. between adjacent terminals.
STORAGE & OPERATING TEMPERATURE: -40°C to 85°C.
SHOCK: Withstands 20g 11 ms sawtooth waveform with no con-
tact opening greater than 10 microseconds.
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
DIM. ‘B’
PER TUBE
BD01
1
.180 (4,57)
NA
115
BD02
2
.280 (7,11)
.100 (2,54)
74
BD03
3
.380 (9,65)
.200 (5,08)
54
BD04
4
.480 (12,19)
.300 (7,62)
43
BD05
5
.580 (14,73)
.400 (10,16)
35
BD06
6
.680 (17,27)
.500 (12,75)
30
BD07
7
.780 (19,81)
.600 (15,24)
26
BD08
8
.880 (22,35)
.700 (17,78)
23
BD09
9
.980 (24,89)
.800 (20,32)
21
BD10
10
1.080 (27,43)
.900 (22,.86)
19
BD12
12
1.280 (32,51)
1.100 (27,94)
16
Schematic
SPST
BD Series
Standard Profile DIP Switches
VIBRATION: No contact opening greater than 10 microseconds and no
contact closure when exposed to vibration .06 in DA or 5g,
whichever is less, from 10 to 55 Hz, and 10g from 55 to 500 Hz.
SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E
method 9 (1 hour steam aging).
PACKAGING: Switches supplied in rigid dispensing tubes in full-tube
quantities only: this may effect order quantity. Number of switches
per tube varies with model. Switch position 1 denotes pin number
1. All switch actuators in ‘OFF’ position, standard.
Materials
CASE & COVER: Glass filled polyester (PBT),
flame retardant (UL 94V-0).
ACTUATOR: Glass filled nylon 6/6, flame retardant,
heat stabilized (UL 94V-0)
CONTACTS: Gold over nickel over phosphor bronze.
TERMINALS: Matte-tin over nickel over phosphor bronze.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
Traditional full profile DIP switch
Extended actuator for easy actuation
Open bottom construction allows for
solder washing without the need
for tape seal
RoHS compliant
Vertical Full Profile DIP
BD08
.030
(0,77)
.160 TYP.
(4,06)
.006
(0,16)
.380
(9,65)
.100 TYP.
(2,54)
.020 TYP.
(0,51)
.265
(6,73)
.141 TYP.
(3,58)
.089
(2,26)
.297
(7,55)
Ø.038 TYP.
(0,97)
.100 TYP.
(2,54)
DIM 'A'
DIM 'B'
.297
(7,55)
.032
(0,82)
TYP.
.080 TYP.
(2,03)
1
2345678
ON
.062
(1,58) MAX
ACTUATOR
TRAVEL
(1,5)
.059 TYP.
Typical Applications
Address switch for industrial controls
Logic switching for computers and peripherals
Function controlling for
numerous applications


同様の部品番号 - BD10

メーカー部品番号データシート部品情報
logo
ITT Industries
BD10 ITT-BD10 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD10 CK-COMPONENTS-BD10 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD10 CK-COMPONENTS-BD10 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
List of Unclassifed Man...
BD10-H4-AH ETC2-BD10-H4-AH Datasheet
307Kb / 4P
   Brushless DC Drive for 57mm 120W 24V motor
BD10-H5-AH ETC2-BD10-H5-AH Datasheet
303Kb / 4P
   Brushless DC Drive for 57mm 180W 48V motor
More results

同様の説明 - BD10

メーカー部品番号データシート部品情報
logo
ITT Industries
BD01 ITT-BD01 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD CK-COMPONENTS-BD Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
BD01 CK-COMPONENTS-BD01 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD CK-COMPONENTS-BD_V01 Datasheet
206Kb / 2P
   Standard Profile DIP Switches
15 Mar 22
logo
GREATECS
DX1 GREATECS-DX1 Datasheet
315Kb / 1P
   SPST Standard DIP Switches
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com