データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6295A データシート(PDF) 1 Page - Vishay Siliconix

部品番号 1N6295A
部品情報  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N6295A データシート(HTML) 1 Page - Vishay Siliconix

  1N6295A Datasheet HTML 1Page - Vishay Siliconix 1N6295A Datasheet HTML 2Page - Vishay Siliconix 1N6295A Datasheet HTML 3Page - Vishay Siliconix 1N6295A Datasheet HTML 4Page - Vishay Siliconix 1N6295A Datasheet HTML 5Page - Vishay Siliconix 1N6295A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Extended
Voltage
Range
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Devices for Bidirectional Applications
For bi-directional, use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440
(e.g. 1.5KE6.8C, 1.5KE440CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Peak power dissipation with a 10/1000µs waveform
(1) (Fig. 1)
PPPM
1500
W
Peak pulse current wih a 10/1000µs waveform
(1)
IPPM
See Next Table
A
Steady state power dissipation
PM(AV)
6.5
W
at TL = 75OC, lead lengths 0.375” (9.5mm)(2)
Peak forward surge current, 8.3ms
IFSM
200
A
single half sine-wave unidirectional only(3)
Maximum instantaneous forward voltage
VF
3.5/5.0
V
at 100A for unidirectional only(4)
Typical thermal resistance junction-to-lead
RθJL
20
°C/W
Typical thermal resistance junction-to-ambient
RθJA
75
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +175
O
C
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
(3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
(4) VF = 3.5V for 1.5KE220(A) & below; VF = 5.0V for 1.5KE250(A) & above
Dimensions in inches
and (millimeters)
Case Style 1.5KE
V(BR) Unidirectional 6.8 to 540V
V(BR) Bidirectional 6.8 to 440V
Peak Pulse Power 1500W
Features
• Underwriters Laboratory Recognition under UL standard
for safety 497B: Isolated Loop Circuit Protection
• Glass passivated junction
• 1500W peak pulse power capabililty on 10/1000µs
waveform, repetition rate (duty cycle): 0.05%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Includes 1N6267 thru 1N6303A
Mechanical Data
Case: Molded plastic body over passivated junction
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed: 265°C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
Polarity: For unidirectional types the color band denotes
the cathode, which is positive with respect to the anode
under normal TVS operation
Mounting Position: Any
Weight: 0.045 oz., 1.2 g
Flammability: Epoxy is rated UL 94V-0
Packaging Codes – Options (Antistatic):
51 – 1K per Bulk box, 10K/carton
54 – 1.4K per 13" paper Reel
(52mm horiz. tape), 4.2K/carton
73 – 1K per horiz. tape & Ammo box, 10K/carton
TRANSZORB
® Transient Voltage Suppressors
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88301
www.vishay.com
30-Oct-02
1


同様の部品番号 - 1N6295A

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6295A TRSYS-1N6295A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6295A BILIN-1N6295A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
1N6295A GXELECTRONICS-1N6295A Datasheet
635Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6295A DCCOM-1N6295A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6295A VISHAY-1N6295A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

同様の説明 - 1N6295A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com