データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1658A データシート(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1658A
部品情報  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1658A データシート(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1658A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1658A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Exactitude•Innovation•Excellence
TZ1689A
TZ0495C
TZ1432A
TZ1387A
TZ0928A
TM0003A
TM0002A
TM0005A
TM0006B
TM0009A
TM0010F
26
26
26
26
26
19.2
26
52
19.2
26
38.4
7.3
8
8
11.2
8.4
7
7
16
7
7
10
±10
30±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
3.2x2.5
3.2x2.5
2.5x2.0
3.2x2.5
2.5x2.0
2.5x2.0
2.5x2.0
2.5x2.0
2.0x1.6
2.0x1.6
2.0x1.6
Load Capacitance
(pF)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
Crystal/TSX
APPLICATION : 3G | LTE | Repeater | Femtocell | Base Station
Duplexer
Single Filter
IF
Frequency
(MHz)
Insertion Loss
(dB)
Band Width
(MHz)
SAW Filter
Size
(mm)
P/N
TF0075A (Band12)
TF0091A (Band13)
TF0108A (Band17)
TF0100A (Band20)
TF0112A (Band28)
TF0120A (Band 1)
TF0121A (Band 2)
TF0122A (Band 4)
TF0123A (Band 5)
TF0124A (Band 7)*BAW Filter
TF0125A (Band 8)
TA1818A (Band 1)
TA1817A (Band 2)
TA1818A (Band 4)
TA1816A (Band 5&6)
TA1726A (Band 8)
TA1962A (Band38)
TA1122A (Band39)
TA1963A (Band40)
TA1964A (Band41)
TA1869A (*BAW Filter)
TA1834A
TA1845C (Band 1)
TA1870C (Band 2)
TA1843C (Band3)
TA1845C (Band 4)
TA1811A (Band 5&6)
TA1847C
TA1839C
TB0194A
TB0184A
TB0203A
TB0270A
TB0677A
TB1024A
707/737
897.5/942.4
710/740
806/847
718/773
1950/2140
1880/1960
1732.5/2132.5
836.5/881.5
2353/2655
897.5/942.5
1950/2140
1880/1960
1740/2140
836.5/881.5
897.5/942.5
2595
1900
2350
2602
ISM 2.4G
ISM 2.4G
1950/2140
1880/1960
1747.5/1842.5
1732.5/2140
836.5/881.5
2535/2655
897.5/942.5
70
70
140
240
300
872.4
1.9
1.5
2
2.8
1.8
1.8
2.3
1.7
1.7
2.3
2.1
1.9
3.4
1.9
1.7
1.9
1.8
2
1.8
2.6
1.9
3
1.9
2.8
2
1.9
1.6
2.5
2
8
21
10.5
7.7
3.8
18.2
18
10
12
30
30
60
59.04
45
25
70
30.2
60
58.5
60
25
30.2
50
40
100
100
79
83.5
60
60
75
60
25
70
35
5
3.5
10
20
0.2
4.5
3.8X3.8
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
1.8x1.4
1.8x1.4
1.8x1.4
1.8x1.4
1.8x1.4
1.8x1.4
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.4x1.1
1.1x0.9
1.1x0.9
1.1x0.9
1.1x0.9
1.1x0.9
1.1x0.9
1.1x0.9
13.3x6.5
13.3x6.5
13.3x6.5
7.0x5.0
5.0x5.0
13.3x6.5


同様の部品番号 - TA1658A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1658A TAI-SAW-TA1658A Datasheet
315Kb / 7P
   SAW Filter 1582.4MHz (BW 46.61MHz) SMD 3.0x3.0 mm
logo
Golledge Electronics Lt...
TA1658A GOLLEDGE-TA1658A Datasheet
235Kb / 6P
   SAW Filter 1582.40MHz
More results

同様の説明 - TA1658A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com