データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1343A データシート(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1343A
部品情報  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1343A データシート(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1343A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dedication•Trustworthinese
Duplexer
Frequency
(MHz)
Insertion Loss
(dB)
Band Width
(MHz)
SAW Filter
APPLICATION : 3G | LTE | Repeater | Femtocell | Base Station
Size
(mm)
P/N
TF0104A (Band 1)
TF0105A (Band 2)
TF0110A (Band 4)
TF0095A (Band 5)
TF0109A (Band 7)*BAW Filter
TF0093A (Band 8)
1950/2140
1880/1960
1732.5/2132.5
836.5/881.5
2535/2655
897.5/942.4
1.8
2
1.8
1.8
3.2
1.7
60
59
45
25
70
25
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
TZ2930B
TZ2370B
TZ1960C
TZ2724D
40
30
25
25
6
6
8
6
±45
±30
±30
±30
2.0x1.6
2.0x1.6
2.0x1.6
2.0x1.6
Load Capacitance
(pF)
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
*metal cap structure
*metal cap structure
*metal cap structure
*metal cap structure
SSD-Crystal
TZ0633A
TZ1261C
TZ1897A
TZ2959A
TZ2852A
TZ2959A
27.12
27.12
27.12
27.12
27.12
27.12
10
10
10
10
12
10
±10
±10
±10
±30
±10
±30
3.2x2.5
2.5x2.0
2.0x1.6
2.0x1.6
1.6x1.2
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
Tolerance
(ppm)
Load Capacitance
(pF)
NFC
Crystal /TCXO
*metal cap structure
Insertion Loss
(dB)
Band Width
(KHz)
TY0153A
TY0137A
TY0143A
30.72
21.4
90
2.0
3.0
3.0
±4
±7.5
±10
7.0x5.0
7.0x5.0
7.0x5.0
Size
(mm)
P/N
Frequency
(MHz)
MCF
Voltage
(V)
Tolerance
(ppm)
TX0338E
TX0534C
TW0459E
TX0618A
TX0601A
TW0357A
TW0459B
TX0605A
TX0659A
30
32
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
32.768 KHz
12
40
2.85v
1.8
15
1.8/2.5/3.0/3.3
1.8/2.5/3.0/3.3
3.3
1.8
3.3
1.8
±2
±2
±20
±1.5
±1.5
±25
±25
±1.5
±0.5
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
7.0x5.0
3.2x2.5
2.5x2.0
3.2x2.5
2.0x1.6
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO


同様の部品番号 - TA1343A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1343A TAI-SAW-TA1343A Datasheet
143Kb / 8P
   SAW Filter 1583MHz
logo
Golledge Electronics Lt...
TA1343A GOLLEDGE-TA1343A Datasheet
181Kb / 7P
   SAW Filter: 1583.0MHz
More results

同様の説明 - TA1343A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com