データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW25-24S05 データシート(PDF) 8 Page - Total Power International

部品番号 MJW25-24S05
部品情報  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-24S05 データシート(HTML) 8 Page - Total Power International

Back Button MJW25-24S05 Datasheet HTML 2Page - Total Power International MJW25-24S05 Datasheet HTML 3Page - Total Power International MJW25-24S05 Datasheet HTML 4Page - Total Power International MJW25-24S05 Datasheet HTML 5Page - Total Power International MJW25-24S05 Datasheet HTML 6Page - Total Power International MJW25-24S05 Datasheet HTML 7Page - Total Power International MJW25-24S05 Datasheet HTML 8Page - Total Power International MJW25-24S05 Datasheet HTML 9Page - Total Power International MJW25-24S05 Datasheet HTML 10Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
Heatsink (Option –HS)
Mechanical Dimensions
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 2g
The advantages of adding a heatsink are:
1.To help heat dissipation and increase the stability
and reliability of DC/DC converters at high
operating temperature atmosphere.
2.To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
External Output Trimming
Output can be externally trimmed by using the method shown below
MJW25-XXS033 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
63.59
30.28
18.19
11.95
8.13
5.56
3.70
2.31
1.21
0.34
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
70.50
29.28
16.87
10.90
7.38
5.06
3.42
2.20
1.25
0.49
KOhms
MJW25-XXS05 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
36.57
16.58
9.92
6.59
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
MJW25-XXS12 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
394.50
179.74
106.08
68.86
46.39
31.36
20.60
12.51
6.21
1.17
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
368.92
161.92
94.97
61.86
42.12
29.00
19.66
12.66
7.23
2.89
KOhms
MJW25-XXS15 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
572.67
248.63
145.60
94.97
64.87
44.92
30.72
20.10
11.86
5.28
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
392.98
182.12
108.73
71.43
48.85
33.71
22.86
14.69
8.33
3.23
KOhms
17.46
[0.69] Max.
31.0 [1.22] Max.
Heat-Sink
Thermal Pad
Clamp
Converter
12
6
34
5
MJW25 Module
Bottom View
Trim Up
12
6
34
5
MJW25 Module
Bottom View
Rd
Trim Down
Ru
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


同様の部品番号 - MJW25-24S05

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MJW25-24S05 MINMAX-MJW25-24S05 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

同様の説明 - MJW25-24S05

メーカー部品番号データシート部品情報
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com