データシートサーチシステム |
|
MSAU301 データシート(PDF) 2 Page - Total Power International |
|
MSAU301 データシート(HTML) 2 Page - Total Power International |
2 / 4 page MSAU300 SERIES DC/DC CONVERTER 1W, SMD-Package, High Isolation Output Specifications Parameter Conditions Min. Typ. Max. Unit Output Voltage Accuracy --- ±1.5 ±4.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±0.1 ±1.0 % Line Regulation For Vin Change of 1% --- ±1.2 ±1.5 % Load Regulation Io=20% to 100% See Model Selection Guide Ripple & Noise (20MHz) --- 75 100 mV P-P Ripple & Noise (20MHz) Over Line, Load & Temp. --- --- 150 mV P-P Ripple & Noise (20MHz) --- --- 15 mV rms Temperature Coefficient --- ±0.01 ±0.02 %/ ℃ Short Circuit Protection 0.5 Second Max. General Specifications Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 3000 --- --- VDC I/O Isolation Resistance 500 VDC 10 --- --- GΩ I/O Isolation Capacitance 100KHz, 1V --- 60 100 pF Switching Frequency 50 100 150 KHz MTBF (calculated) MIL-HDBK-217F@25 ℃, Ground Benign 2,000,000 --- --- Hours Moisture Sensitivity Level (MSL) IPC/JEDEC J-STD-020D Level 3 Input Fuse 5V Input Models 12V Input Models 24V Input Models 500mA Slow-Blow Type 200mA Slow-Blow Type 100mA Slow-Blow Type Environmental Specifications Parameter Conditions Min. Max. Unit Operating Temperature Range (with Derating) Ambient -40 +85 ℃ Case Temperature --- +90 ℃ Storage Temperature Range -50 +125 ℃ Humidity (non condensing) --- 95 % rel. H Cooling Free-Air convection Lead Temperature (1.5mm from case for 10Sec.) --- 300 ℃ Power Derating Curve ~ ] Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural convection Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Other input and output voltage may be available, please contact factory. 6 Specifications subject to change without notice. Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |
同様の部品番号 - MSAU301 |
|
同様の説明 - MSAU301 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |