データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS25A-32 データシート(PDF) 2 Page - Total Power International

部品番号 TPS25A-32
部品情報  Optional constant current charger
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS25A-32 データシート(HTML) 2 Page - Total Power International

  TPS25A-32 Datasheet HTML 1Page - Total Power International TPS25A-32 Datasheet HTML 2Page - Total Power International TPS25A-32 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS25A
SWITCHING MODE 25W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS25A-10
+5V
Fixed
5A
7A
0A
±
5%
±
1%
35W Typical
TPS25A-11
+12V
Fixed
2.1A
2.9A
0A
±
5%
±
1%
35W Typical
TPS25A-12
+15V
Fixed
1.7A
2.4A
0A
±
5%
±
1%
35W Typical
TPS25A-13
+24V
Fixed
1.05A
1.5A
0A
±
5%
±
1%
35W Typical
TPS25A-14
+48V
Fixed
0.52A
0.7A
0A
±
5%
±
1%
35W Typical
TPS25A-15
+36V
Fixed
0.7A
1A
0A
±
5%
±
1%
35W Typical
TPS25A-17
+3.3V
Fixed
5A
7A
0A
±
5%
±
1.5%
25W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
TPS25A-20
+12V
Fixed
1.1A
1.5A
0.11A
±
5%
±
1%
35W Typical
+5 V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
TPS25A-21
+48V
Fixed
0.3A
0.4A
0.03A
±
5%
±
1%
35W Typical
+5 V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
TPS25A-22
- 5V
Fixed
2.5A
3.5A
0.25A
±
10%
±
1%
35W Typical
+12V
Fixed
1.1A
1.5A
0.11A
±
5%
±
1%
TPS25A-23
- 12V
Fixed
1.1A
1.5A
0.11A
±
10%
±
1%
35W Typical
+15V
Fixed
0.9A
1.3A
0.09A
±
5%
±
1%
TPS25A-24
- 15V
Fixed
0.9A
1.3A
0.09A
±
10%
±
1%
35W Typical
+5V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
TPS25A-25
+24V
Fixed
0.6A
0.8A
0.06A
±
5%
±
1%
35W Typical
+3.3V
Fixed
3.5A
4.9A
0.35A
±
5%
±
1.5%
TPS25A-26
+12V
Fixed
1.2A
1.5A
0.12A
±
5%
±
1%
30W Typical
+3.3 V
Fixed
3.5A
4.9A
0.35A
±
5%
±
1.5%
TPS25A-27
+24V
Fixed
0.6A
0.8A
0.06A
±
5%
±
1%
30W Typical
+3.3V
Fixed
3.5A
4.5A
0.35A
±
5%
±
1.5%
TPS25A-28
+5V
Fixed
2.7A
3.5A
0.27A
±
5%
±
1%
30W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
+12V
Fixed
1A
1.4A
0.1A
±
5%
±
1%
TPS25A-30
- 5 V
Fixed
0.2A
0.3A
0.02A
±
10%
±
1%
35W Typical
+ 5V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
+12V
Fixed
1A
1.4A
0.1A
±
5%
±
1%
TPS25A-31
-12V
Fixed
0.1A
0.1A
0.01A
±
10%
±
1%
35W Typical
+ 5V
Fixed
2.5A
3.5A
0.25A
±
5%
±
1%
+15V
Fixed
0.8A
1.1A
0.08A
±
5%
±
1%
TPS25A-32
-15V
Fixed
0.1A
0.1A
0.01A
±
10%
±
1%
35W Typical
+ 5V
Fixed
3.3A
4.6A
0.33A
±
5%
±
1%
+15V
Fixed
0.5A
0.7A
0.05A
±
5%
±
1%
TPS25A-33
- 5 V
Fixed
0.3A
0.4A
0.03A
±
10%
±
1%
35W Typical
+ 5V
Fixed
3.3A
4.6A
0.33A
±
5%
±
1%
+15V
Fixed
0.5A
0.7A
0.05A
±
5%
±
1%
TPS25A-34
-12V
Fixed
0.2A
0.3A
0.02A
±
10%
±
1%
35W Typical
+ 5 V
Fixed
3.3A
4.6A
0.33A
±
5%
±
1%
+24V
Fixed
0.3A
0.4A
0.03A
±
5%
±
1%
TPS25A-35
-12V
Fixed
0.3A
0.4A
0.03A
±
10%
±
1%
35W Typical
+ 5V
Fixed
2A
2.8A
0.2A
±
5%
±
1%
+12V
Fixed
1A
1.4A
0.1A
±
5%
±
1%
TPS25A-36
- 12V
Fixed
0.3A
0.4A
0.03A
±
10%
±
1%
35W Typical
+ 5V
Fixed
2A
2.8A
0.2A
±
5%
±
1%
+12V
Fixed
1A
1.4A
0.1A
±
5%
±
1%
TPS25A-37
+24 V
Fixed
0.2A
0.3A
0.02A
±
10%
±
1%
35W Typical
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER


同様の部品番号 - TPS25A-32

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCR TI-TPS2500DRCR Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2500DRCT TI-TPS2500DRCT Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2501 TI-TPS2501 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS2501DRCR TI-TPS2501DRCR Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
More results

同様の説明 - TPS25A-32

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Integrated Syste...
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Technology
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com