データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA12TFP データシート(PDF) 9 Page - Rohm

部品番号 BA12TFP
部品情報  Low saturation voltage type 3-pin regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA12TFP データシート(HTML) 9 Page - Rohm

  BA12TFP Datasheet HTML 1Page - Rohm BA12TFP Datasheet HTML 2Page - Rohm BA12TFP Datasheet HTML 3Page - Rohm BA12TFP Datasheet HTML 4Page - Rohm BA12TFP Datasheet HTML 5Page - Rohm BA12TFP Datasheet HTML 6Page - Rohm BA12TFP Datasheet HTML 7Page - Rohm BA12TFP Datasheet HTML 8Page - Rohm BA12TFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BAOOT / FP series
Regulator ICs
!
!
!
!Electrical characteristic curves
(Note) When Al thermal plate is used: Tightening torque: 6 (kg-cm) Apply silicon grease
25
20
15
10
5
0
25
50
75
100
125
150
(1) Infinite heat sink,
θ j-c = 5.7 (°C/W)
(2) 100
× 100 × 2 (mm3), with Al heat sink
(3) 50
× 50 × 2 (mm3), with Al heat sink
(4) No heat sink
θ j-a = 62.5 (°C/W)
(3) 6.5
(4) 2.0
AMBIENT TEMPERATURE : Ta (
°C)
(1) 22.0
(2) 11.0
Fig.6 Ta - power dissipation
characteristics (TO220FP)
AMBIENT TEMPERATURE : Ta (
°C )
Fig. 7 Ta - power dissipation
characteristics
(TO 252-3)
0
25
50
75
100
125
150
2.5
5
7.5
10
12.5
0
(1) 10.0
(2) 1.0
(1) Infinite heat sink
θ j-c=12.5 (°C/W)
(2) IC alone
θ j-c=125.0 (°C/W)
JUNCTION TEMPERATURE : Tj (
°C)
0
1
2
3
4
5
25
50
75
100
125
150
175
200
6
VCC = 10V IOUT = 0
BA05T
Fig. 8 Thermal cutoff circuit
characteristics
OUTPUT CURRENT : IOUT (A)
10
8
6
4
2
0
0
1.0
2.0
VCC = 10V
BA05T
Fig. 9 Current limit characteristics
INPUT VOLTAGE : VCC (V)
6
5
4
3
2
1
0
010
20
30
40
50
BA05T
Fig. 10 Over voltage protection
characteristics
!
!
!
!External dimensions
(Units : mm)
TO220FP
2.54±0.5
2.54±0.5
2.6±0.5
1.3
0.8
TO252-3
(1) (2) (3)
φ3.1±0.1
(1) VCC
(2) GND
(3) OUT
10.0
+0.3
−0.1
7.0
+0.3
−0.1
4.5
+0.3
−0.1
2.8
+0.2
−0.1
0.55
+0.1
−0.05
BA
BA
(1) VCC
(2) GND
(3) OUT
6.5±0.2
2
13
0.65
0.65
2.3±0.2
2.3±0.2
0.5±0.1
2.3±0.2
0.5±0.1
5.0 0.1
+0.2
FP Series
T Series


同様の部品番号 - BA12TFP

メーカー部品番号データシート部品情報
logo
Rohm
BA12TFP ROHM-BA12TFP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
More results

同様の説明 - BA12TFP

メーカー部品番号データシート部品情報
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com