データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV018 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 MTV018
部品情報  Super On-Screen-Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV018 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV018 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
MTV018 Revision 4.0 10/21/1999
MTV018
MYSON
TECHNOLOGY
3.8 Character ROM
The character ROM contains 248 built-in characters and symbols from address 0 to 247. Each character and
symbol consists of 12x18 dots matrix. The detail pattern structures for each character and symbols are shown
in “CHARACTERS AND SYMBOLS PATTERN” on page 16.
3.9 Luminance & border generator
There are 2 shift registers included in the design which can shift out of luminance and border dots to color
encoder. The bordering and shadowing feature is configured in this block. For bordering effect, the character
will be enveloped with blackedge on four sides. For shadowing effect, the character is enveloped with
blackedge for right and bottom sides only.
3.10 Window and frame control
The display frame position is completely controlled by the contents of VERTD and HORD. The window size
and position control are specified in column 0 to 11 on row 15 of memory map, as shown in Figure 4. Window
1 has the highest priority, and window 4 is the least, when two windows are overlapping. More detailed infor-
mation is described as follows:
1. Window control registers,
ROW 15
START(END) ADDR - These addresses are used to specify the window size. It should be noted that when the
start address is greater than the end address, the window will be disabled.
WEN - Enable the window display.
CCS - When a window is overlapping with the character, character color 2 should be chosen while this bit is
set to 1. Otherwise color 1 is selected.
R, G, B - Specify the color of the relative background window.
2. Frame control registers,
ROW 15
Column
0,3,6,OR 9
b7
b6
b5
b4
b3
b2
b1
b0
ROW START ADDR
MSB
LSB
ROW END ADDR
MSB
LSB
Column
1,4,7,OR 10
b7
b6
b5
b4
b3
b2
b1
b0
COL START ADDR
MSB
LSB
WEN
CCS
-
Column
2,5,8,OR 11
b7
b6
b5
b4
b3
b2
b1
b0
COL END ADDR
MSB
LSB
R
G
B
Column 12
b7
b6
b5
b4
b3
b2
b1
b0
VERTD
MSB
LSB


同様の部品番号 - MTV018

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
   Enhanced On-Screen-Display Controller
More results

同様の説明 - MTV018

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com