データシートサーチシステム |
|
NE02100 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
NE02100 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 12 page PART NUMBER NE02133 NE02135 NE02139 EIAJ1 REGISTERED NUMBER 2SC2351 2SC2149 2SC4092 PACKAGE OUTLINE 33 35 39 SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX fT Gain Bandwidth Product at VCE = 10 V, IC = 20 mA GHz 4.5 4.5 4.5 |S21E|2 Insertion Power Gain at VCE = 10 V, IC = 20 mA, f = 0.5 GHz dB 15 18.5 f = 1 GHz dB 9 10 13 9 10 f = 2 GHz dB 4 5 5 5.7 NFMIN Minimum Noise Figure6 at VCE = 10 V, IC = 3 mA, f = 0.5 GHz dB 1.5 VCE = 10 V, IC = 5 mA, 1.5 f = 1 GHz dB 1.5 3 f = 2 GHz dB 2.7 4.0 ICBO Collector Cutoff Current at VCB = 15 V, IE = 0 µA 1.0 1.0 1.0 IEBO Emitter Cutoff Current at VEB = 2 V, IC = 0 µA 1.0 1.0 1.0 hFE Forward Current Gain at VCE = 10 V, IC = 20 mA 40 70 200 20 70 250 40 70 200 CCB Collector to Base Capacitance4 at VCB = 10 V, IE = 0 , f = 1 MHz pF 0.75 1.0 0.6 1.0 .75 RTH (J-C) Thermal Resistance (Junction to Case) °C/W 120 RTH (J-A) Thermal Resistance (Junction to Ambient) °C/W 666 600 500 PT5 Total Power Dissipation mW 150 290 500 200 fT Gain Bandwidth Product at VCE = 10 V, IC = 20 mA GHz 4.5 4.5 |S21|2 Insertion Power Gain at VCE = 10 V, IC = 20 mA, f = 0.5 GHz dB 18.5 18.5 f = 1 GHz dB 13 13 f = 2 GHz dB 5.5 6.5 5.5 6.5 NFMIN Minimum Noise Figure2 at VCE = 10 V, IC = 3 mA, f = 0.5 GHz dB 1.5 1.5 VCE = 10 V, IC = 5 mA, f = 2 GHz dB 2.7 4.5 2.7 4.5 ICBO Collector Cutoff Current at VCB = 15 V, IE = 0 µA 1.0 1.0 IEBO Emitter Cutoff Current at VEB = 2 V, IC = 0 µA 1.0 1.0 hFE Forward Current Gain at VCE = 10 V, IC = 20 mA 20 70 250 20 70 250 CCB Collector to Base Capacitance4 at VCB = 10 V, IE = 0, f = 1 MHz pF 0.6 1.0 0.6 1.0 RTH (J-C) Thermal Resistance (Junction to Case) °C/W 70 90 RTH (J-A) Thermal Resistance (Junction to Ambient) °C/W 500 PT5 Total Power Dissipation mW 580 700 350 700 NE021 SERIES ELECTRICAL CHARACTERISTICS (TA = 25°C) ELECTRICAL CHARACTERISTICS (TA = 25°C) Notes: 1. Electronic Industrial Association of Japan. 2. Input and output are tuned for optimum noise figures. 3. Common base electrical charactristics see S-Parameters. 4. CCB measurement employs a three-terminal capacitance bridge 5. Minimum dissipations based on RTH (J-A) for applications without effective incorporating a guard circuit. The emitter terminal shall be heat sink, maximum dissipations based on RTH (J-C) for applications with connected to the guard terminal. effective heat sink. 6. Output and Input are tuned for minimum noise figure. PART NUMBER NE02100 NE02107 EIAJ1 REGISTERED NUMBER PACKAGE OUTLINE 00 (CHIP) 07/07B3 SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX |
同様の部品番号 - NE02100 |
|
同様の説明 - NE02100 |