データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS180MOV データシート(PDF) 4 Page - MDE Semiconductor, Inc.

部品番号 SS180MOV
部品情報  High Energy Thermally Protected SSMOV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MDE [MDE Semiconductor, Inc.]
ホームページ  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SS180MOV データシート(HTML) 4 Page - MDE Semiconductor, Inc.

  SS180MOV Datasheet HTML 1Page - MDE Semiconductor, Inc. SS180MOV Datasheet HTML 2Page - MDE Semiconductor, Inc. SS180MOV Datasheet HTML 3Page - MDE Semiconductor, Inc. SS180MOV Datasheet HTML 4Page - MDE Semiconductor, Inc. SS180MOV Datasheet HTML 5Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MDE Semiconductor, Inc.
4
11/13/2013
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
SURGE SHIELD
TM MOV
High Energy Thermally Protected SSMOV
VOLTAGE-150 TO 550 Volts AC
Integrated Transient Surge Protector
Component for DIN Rail Appications
Continuou
s MCOV
Max Peak
Current
Test
Current
Rating
Energy
(2ms)
Varistor Voltage
Max Clamping
Voltage
Type
Vrms (V)
Vdc (V)
Imax (kA)
In (kA)
VPR
rating
WTM (J)
V1mA (V)
∆V1mA
(%)
VC (V)
Ip (A)
SS150DIN
150
200
50
20
600
360
240
±10
395
300
SS180DIN
180
225
50
20
600
390
270
±10
455
300
SS250DIN
250
320
50
20
900
490
390
±10
650
300
SS275DIN
275
350
50
20
900
550
430
±10
710
300
SS320DIN
320
415
50
20
1200
640
510
±10
850
300
SS420DIN
420
560
50
20
1500
910
680
±10
1120
300
SS550DIN
550
745
50
20
1500
960
910
±10
1500
300
Dry Contact
Form C
Dimensions in mm
Typical SSxxxDIN Product layout
Each Pole has an indicator
Single Component DIN Assembly
Green is Operational
35 mm DIN Rail
Red is Replace


同様の部品番号 - SS180MOV

メーカー部品番号データシート部品情報
logo
First Components Intern...
SS180 FCI-SS180 Datasheet
111Kb / 2P
   1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
logo
ABC Taiwan Electronics ...
SS1806100ML ABC-SS1806100ML Datasheet
528Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS1806101ML ABC-SS1806101ML Datasheet
528Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS1806102ML ABC-SS1806102ML Datasheet
528Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS1806150ML ABC-SS1806150ML Datasheet
528Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

同様の説明 - SS180MOV

メーカー部品番号データシート部品情報
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com