データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3537F データシート(PDF) 9 Page - Rohm

部品番号 BD3537F
部品情報  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3537F データシート(HTML) 9 Page - Rohm

Back Button BD3537F Datasheet HTML 5Page - Rohm BD3537F Datasheet HTML 6Page - Rohm BD3537F Datasheet HTML 7Page - Rohm BD3537F Datasheet HTML 8Page - Rohm BD3537F Datasheet HTML 9Page - Rohm BD3537F Datasheet HTML 10Page - Rohm BD3537F Datasheet HTML 11Page - Rohm BD3537F Datasheet HTML 12Page - Rohm BD3537F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/15
BD3537F
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900970-1-2
02.Nov.2015 Rev.001
3.
Power Dissipation
In thermal design, consider the temperature range where IC is guaranteed to operate and appropriate margins. The
temperature conditions that need to be considered are listed below:
(1) Ambient temperature Ta: 100°C or lower
(2) Chip junction temperature Tj: 150°C or lower
The chip junction temperature Tj can be considered as follows:
Most of heat loss in BD3537F occurs at the output N-Channel FET. The lost power is determined by multiplying the
voltage between IN and OUT by the output current. Since this IC is packaged for high-power applications, its thermal
derating characteristics significantly depend on the PCB. So when designing, the size of the PCB to be used should be
carefully considered.
Power dissipation (W) = {Input voltage (VVTT_IN)
– Output voltage (VVTT = VREF)} x IOUT (Ave)
If VVTT_IN=1.8V, VREF=0.9V, and IOUT (Ave)=0.5A, for instance, the power dissipation is determined as follows:
0.4(W)
=
0.5(A)
(V)
0.9
-
(V)
1.8
=
(W)
n
consumptio
Power
◎SOP8(BD3537F)
(1) 70mm x 70mm x 1.6mm Glass-epoxy PCB
θj-c=181°C/W
(2) With no heat sink
θj-a=222°C/W
150
[°C]
0.60
0
25
75
100
125
50
0.20
0.10
0
0.40
0.50
0.30
[W]
(2) 0.56W
100°C
(1) 0.69W
0.70
Ambient Temperature [Ta]


同様の部品番号 - BD3537F

メーカー部品番号データシート部品情報
logo
Rohm
BD3537F ROHM-BD3537F Datasheet
1Mb / 6P
   Silicon monolithic integrated circuit Regulator IC for Memory Termination
BD3537F ROHM-BD3537F Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
More results

同様の説明 - BD3537F

メーカー部品番号データシート部品情報
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com