データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD11670GWL データシート(PDF) 11 Page - Rohm

部品番号 BD11670GWL
部品情報  DPDT Type (Double Pole Double Throw)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD11670GWL データシート(HTML) 11 Page - Rohm

Back Button BD11670GWL Datasheet HTML 7Page - Rohm BD11670GWL Datasheet HTML 8Page - Rohm BD11670GWL Datasheet HTML 9Page - Rohm BD11670GWL Datasheet HTML 10Page - Rohm BD11670GWL Datasheet HTML 11Page - Rohm BD11670GWL Datasheet HTML 12Page - Rohm BD11670GWL Datasheet HTML 13Page - Rohm BD11670GWL Datasheet HTML 14Page - Rohm BD11670GWL Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/12
TSZ02201-0232AH300120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111
• 15 • 001
BD11670GWL
Operational Notes
1.
Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply and the IC’s power supply
pins.
2.
Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the
digital and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog
block. Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and
aging on the capacitance value when using electrolytic capacitors.
3.
Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
4.
Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal
ground caused by large currents. Also ensure that the ground traces of external components do not cause variations
on the ground voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5.
Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in
deterioration of the properties of the chip. The absolute maximum rating of the Pd stated in this specification is when
the IC is mounted on a 70mm x 70mm x 1.6mm glass epoxy board. In case of exceeding this absolute maximum rating,
increase the board size and copper area to prevent exceeding the Pd rating.
6.
Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately obtained.
The electrical characteristics are guaranteed under the conditions of each parameter.
7.
Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush
current may flow instantaneously due to the internal powering sequence and delays, especially if the IC
has more than one power supply. Therefore, give special consideration to power coupling capacitance,
power wiring, width of ground wiring, and routing of connections.
8.
Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
9.
Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may
subject the IC to stress. Always discharge capacitors completely after each process or step. The IC’s power supply
should always be turned off completely before connecting or removing it from the test setup during the inspection
process. To prevent damage from static discharge, ground the IC during assembly and use similar precautions during
transport and storage.
10.
Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin.
Inter-pin shorts could be due to many reasons such as metal particles, water droplets (in very humid environment) and
unintentional solder bridge deposited in between pins during assembly to name a few.


同様の部品番号 - BD11670GWL

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD116 ISC-BD116 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11600NUX ROHM-BD11600NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
More results

同様の説明 - BD11670GWL

メーカー部品番号データシート部品情報
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
Infineon Technologies A...
BGS22WL10 INFINEON-BGS22WL10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.6 - May 27, 2014
BGS22W2L10 INFINEON-BGS22W2L10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.4 - October 12, 2012
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
logo
TE Connectivity Ltd
H-14 TEC-H-14 Datasheet
277Kb / 1P
   n Double pole, double throw contacts
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com