データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD11670GWL-E2 データシート(PDF) 2 Page - Rohm

部品番号 BD11670GWL-E2
部品情報  DPDT Type (Double Pole Double Throw)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD11670GWL-E2 データシート(HTML) 2 Page - Rohm

  BD11670GWL-E2 Datasheet HTML 1Page - Rohm BD11670GWL-E2 Datasheet HTML 2Page - Rohm BD11670GWL-E2 Datasheet HTML 3Page - Rohm BD11670GWL-E2 Datasheet HTML 4Page - Rohm BD11670GWL-E2 Datasheet HTML 5Page - Rohm BD11670GWL-E2 Datasheet HTML 6Page - Rohm BD11670GWL-E2 Datasheet HTML 7Page - Rohm BD11670GWL-E2 Datasheet HTML 8Page - Rohm BD11670GWL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/12
TSZ02201-0232AH300120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111
• 15 • 001
BD11670GWL
Pin Configuration
Top View)
Bottom View)
A
UNC2_Y
VBUS
SEL
D
UNC1_X
GND
VCC
B
UNC1_Y
-
COM2
C
UNC2_X
VCCIN
COM1
C
UNC2_X
VCCIN
COM1
B
UNC1_Y
-
COM2
D
UNC1_X
GND
VCC
A
UNC2_Y
VBUS
SEL
1
2
3
1
2
3
Pin Description
Ball No.
Ball Name
Function
A1
UNC2_Y
Analog Switch terminal.
A2
VBUS
USB VBUS power input terminal.
A3
SEL
Switch select input pin
B1
UNC1_Y
Analog Switch terminal.
B3
COM2
Analog Switch terminal.
C1
UNC2_X
Analog Switch terminal.
C2
VCCIN
Internal power supply.
C3
COM1
Analog Switch terminal.
D1
UNC1_X
Analog Switch terminal.
D2
GND
GND terminal.
D3
VCC
System power supply.
Block Diagram
Figure 2. Block diagram
UNC1_X
UNC2_X
UNC1_Y
UNC2_Y
COM1
COM2
SW1
SW2
VCC
(2.5V
5.5V)
VBUS
(3.8V
28V)
VCCIN
internal
power
SEL
GND
UVLO
SEL
CP
UVLO
VCCIN
(2.5V
5.5V)


同様の部品番号 - BD11670GWL-E2

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD116 ISC-BD116 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11600NUX ROHM-BD11600NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
BD11601NUX ROHM-BD11601NUX Datasheet
399Kb / 10P
   USB Switch ICs SPST Type(Single Pole Single Throw)
More results

同様の説明 - BD11670GWL-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
Infineon Technologies A...
BGS22WL10 INFINEON-BGS22WL10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.6 - May 27, 2014
BGS22W2L10 INFINEON-BGS22W2L10 Datasheet
1Mb / 14P
   DPDT (Dual-Pole / Double-Throw) Differential RF Switch
Revision 1.4 - October 12, 2012
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
logo
TE Connectivity Ltd
H-14 TEC-H-14 Datasheet
277Kb / 1P
   n Double pole, double throw contacts
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com