データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37201NUX データシート(PDF) 8 Page - Rohm

部品番号 BD37201NUX
部品情報  Ultra Low Noise Low Dropout Regulator for Audio System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37201NUX データシート(HTML) 8 Page - Rohm

Back Button BD37201NUX Datasheet HTML 4Page - Rohm BD37201NUX Datasheet HTML 5Page - Rohm BD37201NUX Datasheet HTML 6Page - Rohm BD37201NUX Datasheet HTML 7Page - Rohm BD37201NUX Datasheet HTML 8Page - Rohm BD37201NUX Datasheet HTML 9Page - Rohm BD37201NUX Datasheet HTML 10Page - Rohm BD37201NUX Datasheet HTML 11Page - Rohm BD37201NUX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/18
TSZ02201-0V3V0A600100-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
18.Apr.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD37201NUX
Figure 13. Output Voltage vs Output Current
Figure 14. Output Voltage vs Temperature
Figure 15. Power-Supply Rejection Ratio vs IOUT
Figure 16. Power-Supply Rejection Ratio vs VDO
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1,000
Output Current:IOUT [mA]
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency [Hz]
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency [Hz]
IOUT=500mA
IOUT=50mA
IOUT=5mA
IOUT=0A
COUT=47µF
VOUT=3.3V
IOUT=500mA
COUT=47µF
VDO=1.0V
VDO=0.7V
VDO=0.5V
VDO=0.3V
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-60
-40
-20
0
20
40
60
80
100
Temperature [°C]


同様の部品番号 - BD37201NUX

メーカー部品番号データシート部品情報
logo
Rohm
BD3702FV ROHM-BD3702FV Datasheet
177Kb / 5P
   SEMICONDUCTOR IC
REV. B
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

同様の説明 - BD37201NUX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com