データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2090F データシート(PDF) 6 Page - Rohm

部品番号 BU2090F
部品情報  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2090F データシート(HTML) 6 Page - Rohm

Back Button BU2090F Datasheet HTML 2Page - Rohm BU2090F Datasheet HTML 3Page - Rohm BU2090F Datasheet HTML 4Page - Rohm BU2090F Datasheet HTML 5Page - Rohm BU2090F Datasheet HTML 6Page - Rohm BU2090F Datasheet HTML 7Page - Rohm BU2090F Datasheet HTML 8Page - Rohm BU2090F Datasheet HTML 9Page - Rohm BU2090F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
.
6/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA=25°C(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA (°C/W).The temperature of IC inside the package can be estimated by
this thermal resistance. Figure 11 shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature TA, maximum junction temperature TJmax, and power dissipation PD can be calculated by the equation below:
θJA = (TJmax - TA) / PD
(°C/W)
Derating curve in Figure 12 indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate at
certain ambient temperature. This gradient is determined by thermal resistance θJA. Thermal resistance θJA depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition.
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
25
50
75
100
125
150
175
Ambient Temperature [°C]
BU2090F
BU2090FS
Figure 8. Derating Curve
Figure 7. Thermal resistance
周囲温度
Ta [℃]
チップ 表面温度
Tj [℃]
消費電力 P [W]
Ambient temperature TA (℃)
Chip surface temperature TJ(℃)
Power dissipation PD (W)
θJA =( TJmax - TA)/ PD (°C/W)


同様の部品番号 - BU2090F

メーカー部品番号データシート部品情報
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090F ROHM-BU2090F Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
More results

同様の説明 - BU2090F

メーカー部品番号データシート部品情報
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com