データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2360FV データシート(PDF) 1 Page - Rohm

部品番号 BU2360FV
部品情報  Clock Generator for Audio/Video Equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV データシート(HTML) 1 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/18
TSZ02201-0E3E0J500670-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
TSZ22111・14・001
www.rohm.com
Clock Generator
for Audio/Video Equipment
BU2360FV
General Description
BU2360FV is a clock generator IC capable of
generating three types of clocks - VIDEO, AUDIO and
SYSTEM clocks that are necessary for DVD player
systems. It is a single chip solution that uses PLL
technology.
Particularly,
the
AUDIO
clock
is
a
DVD-Video reference and yet achieves high C/N
characteristics that have low level of distortion factor.
Features
Connecting a crystal oscillator generates multiple
clock signals from a built-in PLL circuit.
AUDIO clock of high C/N characteristics providing
a low level of distortion factor
The AUDIO clock provides switching selection
outputs.
Single power supply of 3.3V
Applications
DVD players
Key Specifications
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
(Note) We believe that this circuit is to be recommended. However, to use it, make further thorough check for the characteristics.
Part Name
BU2360FV
Power Source Voltage [V]
2.7 to 3.6
Reference Frequency [MHz]
27.0000
Output
Frequency
[MHz]
DVD VIDEO
1
27.0000
DVD AUDIO, CD
(Switching
outputs)
512fs
24.5760
22.5792
SYSTEM
768
(44.1k type)
33.8688
Jitter 1
σ [psec]
70
Long-term-Jitter p-p [nsec]
2.5
Operating Temperature Range [
°C]
-25 to +85
13:CLK32M2
1:VDD2
16:OE
2:VSS2
15:CLK33M1
27.0000MHz
3:CLK27M1
14:FSEL
4: CLK27M2
5:AVDD
12:DVDD
6:AVSS
11:DVSS
7:XTALIN
10:CLK512FS1
8:XTALOUT
9:CLK512FS2
27.0000MHz
0.1µF
0.1µF
OPEN:Enable
L:Disable
33.8688MHz
OPEN:48.0kHz type
L:44.1kHz type
33.8688MHz
0.1µF
24.5760MHz
or 22.5792MHz
24.5760MHz
or 22.5792MHz
SSOP-B16
5.00mm x 6.40mm x 1.35mm
Datasheet
Datasheet


同様の部品番号 - BU2360FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

同様の説明 - BU2360FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com