データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG86A データシート(PDF) 9 Page - ON Semiconductor

部品番号 NBSG86A
部品情報  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86A データシート(HTML) 9 Page - ON Semiconductor

Back Button NBSG86A_14 Datasheet HTML 5Page - ON Semiconductor NBSG86A_14 Datasheet HTML 6Page - ON Semiconductor NBSG86A_14 Datasheet HTML 7Page - ON Semiconductor NBSG86A_14 Datasheet HTML 8Page - ON Semiconductor NBSG86A_14 Datasheet HTML 9Page - ON Semiconductor NBSG86A_14 Datasheet HTML 10Page - ON Semiconductor NBSG86A_14 Datasheet HTML 11Page - ON Semiconductor NBSG86A_14 Datasheet HTML 12Page - ON Semiconductor NBSG86A_14 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NBSG86A
http://onsemi.com
9
Table 12. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT VCC = 0 V; VEE = −3.465 V to −2.375 V, TA = −40°C
to +85
°C (Note 20)
Symbol
Unit
85
°C
25
°C
−40
°C
Characteristic
Symbol
Unit
Max
Typ
Min
Max
Typ
Min
Max
Typ
Min
Characteristic
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 12 & 14) (Note 24)
VIHD
Differential Input HIGH Voltage (D, D,
SEL, SEL)
VEE+
1200
VCC
VEE+
1200
VCC
VEE+
1200
VCC
mV
VILD
Differential Input LOW Voltage (D, D,
SEL, SEL)
VEE
VCC
75
VEE
VCC
75
VEE
VCC
75
mV
VID
Differential Input Voltage (VIHD – VILD)
(D, D, SEL, SEL)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 25) (Figure 15)
VEE+
1200
0
VEE+
1200
0
VEE+
1200
0
mV
IIH
Input HIGH Current (@VIH)
D, D
SEL, SEL
30
5
100
50
30
5
100
50
30
5
100
50
mA
IIL
Input LOW Current (@VIL)
D, D
SEL, SEL
20
5
100
50
20
5
100
50
20
5
100
50
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
20. Input and output parameters vary 1:1 with VCC.
21. LVPECL outputs loaded with 50
W to VCC − 2 V for proper operation.
22. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
23. Vth is applied to the complementary input when operating in single−ended mode. Vth = (VIH − VIL) / 2.
24. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
25. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.


同様の部品番号 - NBSG86A_14

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

同様の説明 - NBSG86A_14

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com