データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG86AMNR2G データシート(PDF) 11 Page - ON Semiconductor

部品番号 NBSG86AMNR2G
部品情報  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNR2G データシート(HTML) 11 Page - ON Semiconductor

Back Button NBSG86AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 9Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 10Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 11Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 12Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 13Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 14Page - ON Semiconductor NBSG86AMNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NBSG86A
http://onsemi.com
11
RMS JITTER
INPUT FREQUENCY (GHz)
0
100
200
300
400
500
600
700
800
900
1
2
3
4
5
6789
10
0
1
2
3
4
5
6
7
8
9
OLS = VCC
0
OLS = VCC − 0.4 V
*OLS = VEE
OLS = VCC − 0.8 V
OLS = FLOAT
RMS JITTER
INPUT FREQUENCY (GHz)
0
100
200
300
400
500
600
700
800
900
12
345
6
7
89
10
0
1
2
3
4
5
6
7
8
9
OLS = VCC
0
OLS = VCC − 0.4 V
*OLS = VEE
OLS = VCC − 0.8 V,
OLS = FLOAT
Figure 7. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) for 2:1 MUX Mode (VCC − VEE = 2.5 V @ 255C; Repetitive 1010 Input Data Pattern)
Figure 8. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) for 2:1 MUX Mode (VCC − VEE = 3.3 V @ 255C; Repetitive 1010 Input Data Pattern)
*When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.


同様の部品番号 - NBSG86AMNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86AMNR2G ONSEMI-NBSG86AMNR2G Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

同様の説明 - NBSG86AMNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com