データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5170QPHPTQ1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5170QPHPTQ1
部品情報  Multiphase Bidirectional Current Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5170QPHPTQ1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM5170QPHPTQ1 Datasheet HTML 7Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 8Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 9Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 10Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 11Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 12Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 13Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 14Page - Texas Instruments LM5170QPHPTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Current Sense Voltage (mV)
0
10
20
30
40
50
60
70
80
90
100
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
D001
IOUT1 Gain
IOUT2 Gain
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
98
99
100
101
102
103
104
105
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
7.65
7.7
7.75
7.8
7.85
7.9
7.95
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
7.6
7.8
8
8.2
8.4
8.6
8.8
Falling
Rising
Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
±
ƒ&
25°C
150°C
VCCA Voltage (V)
4
6
8
10
12
14
6
8
10
12
14
16
18
±
ƒ&
25°C
150°C
11
LM5170-Q1
www.ti.com
SNVSAQ6 – NOVEMBER 2016
Product Folder Links: LM5170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Typical Characteristics
VVIN = 48 V, VVCC = 10 V, VUVLO = 3.3 V, TJ = 25°C, unless otherwise stated.
VUVLO = 0 V
Figure 1. VIN Shutdown IQ
VUVLO = 0 V
Figure 2. VCCA Shutdown IQ
Figure 3. VCCA Standby Current vs Temperature
Figure 4. VCC UVLO Threshold vs Temperature
ROSC = 40.2 kΩ
Figure 5. Oscillator Frequency vs Temperature
Figure 6. IOUT1/2 Current Monitor Accuracy vs VCS


同様の部品番号 - LM5170QPHPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170-Q1 TI1-LM5170-Q1 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPR TI1-LM5170PHPR Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPT TI1-LM5170PHPT Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
More results

同様の説明 - LM5170QPHPTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com