データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM193AJ-MLS データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM193AJ-MLS
部品情報  Low Power Low Offset Voltage Dual Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193AJ-MLS データシート(HTML) 4 Page - National Semiconductor (TI)

  LM193AJ-MLS Datasheet HTML 1Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 2Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 3Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 4Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 5Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 6Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 7Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 8Page - National Semiconductor (TI) LM193AJ-MLS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics (Continued)
(V
+=5V, T
A = 25˚C, unless otherwise stated)
Parameter
Conditions
LM193
LM293, LM393
LM2903
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Supply Current
R
L=
V
+=5V
0.4
1
0.4
1
0.4
1.0
mA
V
+=36V
1
2.5
1
2.5
1
2.5
mA
Voltage Gain
R
L
≥15 kΩ,V+=15V
50
200
50
200
25
100
V/mV
V
O = 1Vto11V
Large Signal Response
V
IN=TTL Logic Swing, VREF=1.4V
300
300
300
ns
Time
V
RL=5V, RL=5.1 k
Response Time
V
RL=5V, RL=5.1 k
Ω (Note 7)
1.3
1.3
1.5
µs
Output Sink Current
V
IN(−)=1V, VIN(+)=0, VO
≤1.5V
6.0
16
6.0
16
6.0
16
mA
Saturation Voltage
V
IN(−)=1V, VIN(+)=0, ISINK
≤4 mA
250
400
250
400
250
400
mV
Output Leakage Current
V
IN(−)=0, VIN(+)=1V, VO=5V
0.1
0.1
0.1
nA
Electrical Characteristics
(V+ = 5V) (Note 4)
Parameter
Conditions
LM193A
Units
Min
Typ
Max
Input Offset Voltage
(Note 9)
4.0
mV
Input Offset Current
I
IN(+)−IIN(−),VCM=0V
100
nA
Input Bias Current
I
IN(+) or IIN(−) with Output in Linear Range,
300
nA
V
CM=0V (Note 5)
Input Common Mode
Voltage Range
V
+=30V (Note 6)
0
V
+−2.0
V
Saturation Voltage
V
IN(−)=1V, VIN(+)=0, ISINK
≤4 mA
700
mV
Output Leakage Current
V
IN(−)=0, VIN(+)=1V, VO=30V
1.0
µA
Differential Input Voltage
Keep All V
IN’s
≥0V (or V, if Used), (Note 8)
36
V
Electrical Characteristics
(V+ = 5V) (Note 4)
Parameter
Conditions
LM193
LM293, LM393
LM2903
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
9
9
9
15
mV
Input Offset Current
I
IN(+)−IIN(−),VCM=0V
100
150
50
200
nA
Input Bias Current
I
IN(+) or IIN(−) with Output in
Linear Range, V
CM=0V
(Note 5)
300
400
200
500
nA
Input Common Mode
Voltage Range
V
+=30V (Note 6)
0
V
+−2.0
0
V
+−2.0
0
V
+−2.0
V
Saturation Voltage
V
IN(−)=1V, VIN(+)=0,
I
SINK
≤4mA
700
700
400
700
mV
Output Leakage Current
V
IN(−)=0, VIN(+)=1V, VO=30V
1.0
1.0
1.0
µA
Differential Input Voltage
Keep All V
IN’s
≥0V (or V,if
Used), (Note 8)
36
36
36
V
Note 1: For operating at high temperatures, the LM393 and LM2903 must be derated based on a 125˚C maximum junction temperature and a thermal resistance
of 170˚C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM193/LM193A/LM293 must be derated based on
a 150˚C maximum junction temperature. The low bias dissipation and the “ON-OFF” characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW),
provided the output transistors are allowed to saturate.
Note 2: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output
current is approximately 20 mA independent of the magnitude of V+.
Note 3: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action
www.national.com
4


同様の部品番号 - LM193AJ-MLS

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM193AJ-MLS TI1-LM193AJ-MLS Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

同様の説明 - LM193AJ-MLS

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com