データシートサーチシステム |
|
7WBD3306MUTAG データシート(PDF) 11 Page - ON Semiconductor |
|
7WBD3306MUTAG データシート(HTML) 11 Page - ON Semiconductor |
11 / 13 page 7WBD3306 http://onsemi.com 11 PACKAGE DIMENSIONS US8 CASE 493 ISSUE B DIM A MIN MAX MIN MAX INCHES 1.90 2.10 0.075 0.083 MILLIMETERS B 2.20 2.40 0.087 0.094 C 0.60 0.90 0.024 0.035 D 0.17 0.25 0.007 0.010 F 0.20 0.35 0.008 0.014 G 0.50 BSC 0.020 BSC H 0.40 REF 0.016 REF J 0.10 0.18 0.004 0.007 K 0.00 0.10 0.000 0.004 L 3.00 3.20 0.118 0.126 M 0 6 0 6 N 5 10 5 10 P 0.23 0.34 0.010 0.013 R 0.23 0.33 0.009 0.013 S 0.37 0.47 0.015 0.019 U 0.60 0.80 0.024 0.031 V 0.12 BSC 0.005 BSC NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION “A” DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. MOLD FLASH. PROTRUSION AND GATE BURR SHALL NOT EXCEED 0.140 MM (0.0055”) PER SIDE. 4. DIMENSION “B” DOES NOT INCLUDE INTER−LEAD FLASH OR PROTRUSION. INTER−LEAD FLASH AND PROTRUSION SHALL NOT E3XCEED 0.140 (0.0055”) PER SIDE. 5. LEAD FINISH IS SOLDER PLATING WITH THICKNESS OF 0.0076−0.0203 MM. (300−800 “). 6. ALL TOLERANCE UNLESS OTHERWISE SPECIFIED ±0.0508 (0.0002 “). L B A P G 4 1 5 8 C K D SEATING J S R U DETAIL E V F H N R 0.10 TYP M −Y− −X− −T− DETAIL E T M 0.10 (0.004) XY T 0.10 (0.004) __ __ __ __ PLANE *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* mm inches SCALE 8:1 3.8 0.15 0.50 0.0197 1.0 0.0394 0.30 0.012 1.8 0.07 |
同様の部品番号 - 7WBD3306MUTAG |
|
同様の説明 - 7WBD3306MUTAG |