データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6965DQ データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI6965DQ
部品情報  P-Channel 2.5-V (G-S) Battery Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6965DQ データシート(HTML) 1 Page - Vishay Siliconix

  SI6965DQ Datasheet HTML 1Page - Vishay Siliconix SI6965DQ Datasheet HTML 2Page - Vishay Siliconix SI6965DQ Datasheet HTML 3Page - Vishay Siliconix SI6965DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si6965DQ
Vishay Siliconix
Document Number: 70798
S-56943—Rev. B, 02-Nov-98
www.vishay.com
S FaxBack 408-970-5600
2-1
P-Channel 2.5-V (G-S) Battery Switch
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
–20
0.035 @ VGS = –4.5 V
"5.0
–20
0.060 @ VGS = –2.5 V
"3.9
Si6965DQ
D
S1
S1
G1
1
2
3
4
8
7
6
5
D
S2
S2
G2
TSSOP-8
Top View
D
S1
G1
D
P-Channel MOSFET
S2
G2
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
–20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
"5.0
A
Continuous Drain Current (TJ = 150 C)a, b
TA = 70_C
ID
"4.0
A
Pulsed Drain Current
IDM
"30
A
Continuous Source Current (Diode Conduction)a, b
IS
–1.5
Maximum Power Dissipationa, b
TA = 25_C
PD
1.5
W
Maximum Power Dissipationa, b
TA = 70_C
PD
0.96
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 10 sec
RthJA
83
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
85
_C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


同様の部品番号 - SI6965DQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI6963 FAIRCHILD-SI6963 Datasheet
98Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI6963BDQ VISHAY-SI6963BDQ Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6963BDQ VISHAY-SI6963BDQ Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ-T1-E3 VISHAY-SI6963BDQ-T1-E3 Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
More results

同様の説明 - SI6965DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com