データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3025-KS データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 SI3025-KS
部品情報  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SI3025-KS データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  SI3025-KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3025-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Si3035
Rev. 1.2
5
Table 3. DC Characteristics, VD = +5 V
(VA = +5 V ±5%, VD = +5 V ±5%, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
3.5
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
IO = –2 mA
3.5
V
Low Level Output Voltage
VOL
IO = 2 mA
0.4
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Analog
IA
VA pin
0.3
1
mA
Power Supply Current, Digital1
ID
VD pin
14
18
mA
Total Supply Current, Sleep Mode1
IA + ID
PDN = 1, PDL = 0
1.3
2.5
mA
Total Supply Current, Deep Sleep1,2
IA + ID
PDN = 1, PDL = 1
0.04
0.5
mA
Notes:
1. All inputs at 0.4 or VD – 0.4 (CMOS levels). All inputs held static except clock and all outputs unloaded
(Static IOUT = 0 mA).
2. RGDT is not functional in this state.
Table 4. DC Characteristics, VD = +3.3 V
(VA = Charge Pump, VD = +3.3 V ± 0.3 V, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
IO = –2 mA
2.4
V
Low Level Output Voltage
VOL
IO = 2 mA
0.35
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Analog1,2
IA
VA pin
0.3
1
mA
Power Supply Current, Digital3
ID
VD pin
9
12
mA
Total Supply Current, Sleep Mode3
IA + ID
PDN = 1, PDL = 0
1.2
2.5
mA
Total Supply Current, Deep Sleep3,4
IA + ID
PDN = 1, PDL = 1
0.04
0.5
Power Supply Voltage, Analog1,5
VA
Charge Pump On
4.3
4.6
5.00
V
Notes:
1. Only a decoupling capacitor should be connected to VA when the charge pump is on.
2. There is no IA current consumption when the internal charge pump is enabled and only a decoupling cap is connected
to the VA pin.
3. All inputs at 0.4 or VD – 0.4 (CMOS levels). All inputs held static except clock and all outputs unloaded
(Static IOUT = 0 mA).
4. RGDT is not functional in this state.
5. The charge pump is recommended to be used only when VD < 4.5 V. When the charge pump is not used, VA should be
applied to the device before VD is applied on power up if driven from separate supplies.


同様の部品番号 - SI3025-KS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI3025-KS ETC1-SI3025-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

同様の説明 - SI3025-KS

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com